Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 63 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 59Page - Texas Instruments AM6421 Datasheet HTML 60Page - Texas Instruments AM6421 Datasheet HTML 61Page - Texas Instruments AM6421 Datasheet HTML 62Page - Texas Instruments AM6421 Datasheet HTML 63Page - Texas Instruments AM6421 Datasheet HTML 64Page - Texas Instruments AM6421 Datasheet HTML 65Page - Texas Instruments AM6421 Datasheet HTML 66Page - Texas Instruments AM6421 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 260 page
background image
Table 6-8. DDRSS0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
DDR0_DQ4
IO
DDRSS Data
B3
DDR0_DQ5
IO
DDRSS Data
C4
DDR0_DQ6
IO
DDRSS Data
C2
DDR0_DQ7
IO
DDRSS Data
B4
DDR0_DQ8
IO
DDRSS Data
N5
DDR0_DQ9
IO
DDRSS Data
L4
DDR0_DQ10
IO
DDRSS Data
L2
DDR0_DQ11
IO
DDRSS Data
M3
DDR0_DQ12
IO
DDRSS Data
N4
DDR0_DQ13
IO
DDRSS Data
N3
DDR0_DQ14
IO
DDRSS Data
M4
DDR0_DQ15
IO
DDRSS Data
N2
DDR0_DQS0
IO
DDRSS Data Strobe 0
C1
DDR0_DQS0_n
IO
DDRSS Complimentary Data Strobe 0
B1
DDR0_DQS1
IO
DDRSS Data Strobe 1
N1
DDR0_DQS1_n
IO
DDRSS Complimentary Data Strobe 1
M1
DDR0_ODT0
O
DDRSS On-Die Termination for Chip Select 0
E5
DDR0_ODT1
O
DDRSS On-Die Termination for Chip Select 1
F5
DDR0_RESET0_n
O
DDRSS Reset
D5
(1)
An external 240 Ω ±1% resistor must be connected between this pin and VSS. The maximum power dissipation for the resistor is
5.2mW. No external voltage should be applied to this pin.
6.3.5 ECAP
6.3.5.1 MAIN Domain
Table 6-9. ECAP0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
ECAP0_IN_APWM_OUT
IO
Enhanced Capture (ECAP) Input or Auxiliary PWM
(APWM) Output
D18
Table 6-10. ECAP1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
ECAP1_IN_APWM_OUT
IO
Enhanced Capture (ECAP) Input or Auxiliary PWM
(APWM) Output
C17
Table 6-11. ECAP2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
ECAP2_IN_APWM_OUT
IO
Enhanced Capture (ECAP) Input or Auxiliary PWM
(APWM) Output
D17
6.3.6 Emulation and Debug
6.3.6.1 MAIN Domain
Table 6-12. Trace Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
TRC_CLK
O
Trace Clock
T20
TRC_CTL
O
Trace Control
U21
TRC_DATA0
O
Trace Data 0
T18
TRC_DATA1
O
Trace Data 1
U20
www.ti.com
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com