Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 5 Page - Texas Instruments

  AM6421 Datasheet HTML 1Page - Texas Instruments AM6421 Datasheet HTML 2Page - Texas Instruments AM6421 Datasheet HTML 3Page - Texas Instruments AM6421 Datasheet HTML 4Page - Texas Instruments AM6421 Datasheet HTML 5Page - Texas Instruments AM6421 Datasheet HTML 6Page - Texas Instruments AM6421 Datasheet HTML 7Page - Texas Instruments AM6421 Datasheet HTML 8Page - Texas Instruments AM6421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 260 page
background image
3.1 Functional Block Diagram
Figure 3-1 is functional block diagram for the device.
Note
To understand what device features are currently supported by TI Software Development Kits (SDKs),
see the AM64x Software Build Sheet.
Industrial Connectivity
PRU-ICSS(Gb)
System Memory
Security
A 64x
M
intro_001
2x Arm®
Cortex -A53
®
256KB L2 with ECC
Arm
®
®
Cortex -A53
128KB TCM
Arm
®
Cortex -R5F
®
Arm
®
®
Cortex -A53
128KB TCM
Arm
®
Cortex -R5F
®
Arm
®
Cortex -R5F
®
Arm
®
Cortex -R5F
®
Arm
®
®
Cortex -M4F
256KB SRAM
2 MB SRAM with ECC
DDR4/LPDDR4 with inline ECC
2x MMCSD
AES
MD5
SHA
3DES
PKA
DRBG
Secure
Boot
System Services
12x GP Timers
4x WWDT
Sync
Manager
3x EQEP
3x ECAP
9x EPWM
4x I2C
GPIO
5x MCSPI
1x ADC
7x UART
PCIe
(C)
1x Single lane
Gen 2
GPMC / ELM
8x FSI
OSPI or QSPI
2x CAN-FD
2x GMAC
Encoder
with 9x
∆
∑
PRU-ICSS(Gb)
2x GMAC
Encoder
with 9x
∆
∑
1x USB 3.1 DRD
(C)
3-port Gb
Ethernet
(B)
General Connectivity
2x I2C
GPIO
2x MCSPI
2x UART
Isolated Connectivity
(A)
(for use with Cortex-M4F)
Application cores
Real-time cores
Isolated core
(A)
A.
Isolation of peripherals and M4F core is an optional feature. MCU domain resources are shared across SoC when in non-isolated
configuration.
B.
One port is internally connected only; not connected to any pins.
C.
USB SuperSpeed and PCIe share a common SerDes PHY. Therefore, USB will be limited to non-SuperSpeed modes when using the
SerDes PHY for PCIe.
Figure 3-1. Functional Block Diagram
www.ti.com
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com