Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 7Page - Texas Instruments AM6421 Datasheet HTML 8Page - Texas Instruments AM6421 Datasheet HTML 9Page - Texas Instruments AM6421 Datasheet HTML 10Page - Texas Instruments AM6421 Datasheet HTML 11Page - Texas Instruments AM6421 Datasheet HTML 12Page - Texas Instruments AM6421 Datasheet HTML 13Page - Texas Instruments AM6421 Datasheet HTML 14Page - Texas Instruments AM6421 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 260 page
background image
Table 5-1. Device Comparison (continued)
FEATURES
REFERENCE
NAME
AM6442
AM6441
AM6422
AM6421
AM6412
AM6411
General-Purpose Timers
TIMER
16 (4 in MCU Channel)
Enhanced Pulse-Width Modulator Module
EPWM
9
Enhanced Capture Module
ECAP
3
Enhanced Quadrature Encoder Pulse Module
EQEP
3
Universal Asynchronous Receiver and
Transmitter
UART
9
Universal Serial Bus (USB3.1 Gen1) SuperSpeed
Dual-Role-Device (DRD) Ports with SS SerDes
PHY and USB 2.0 PHY
USB0
Yes(7)
(1)
For more details about the CTRLMMR_WKUP_JTAG_DEVICE_ID register and DEVICE_ID bit field, see the device TRM.
(2)
Full CAN-FD Support is available when selecting an orderable part number that includes a feature code of E or F. Refer to
Nomenclature Description table for the definition of feature codes.
(3)
One flash interface, configured as OSPI0 or QSPI0.
(4)
Functional Safety is available when selecting an orderable part number that includes a feature code of F. Refer to Nomenclature
Description table for the definition of feature codes.
(5)
Orderable part numbers with a feature code of C support using PRU_ICSSG for use cases other than industrial communication. Refer
to Nomenclature Description table for the definition of feature codes.
(6)
PRU_ICSSG industrial communication includes Ethernet networking (MII/RGMII, MDIO), Sigma-Delta (SD) decimation, and three
channel peripheral interface (EnDat 2.2 and BiSS). PRU_ICSSG industrial communication support is available when selecting an
orderable part number that includes a feature code of D, E, or F. Refer to Nomenclature Description table for the definition of feature
codes.
(7)
USB SuperSpeed and PCIe share a common SerDes PHY. Therefore, USB will be limited to non-SuperSpeed modes when using the
SerDes PHY for PCIe.
www.ti.com
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com