Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 97 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 93Page - Texas Instruments AM6421 Datasheet HTML 94Page - Texas Instruments AM6421 Datasheet HTML 95Page - Texas Instruments AM6421 Datasheet HTML 96Page - Texas Instruments AM6421 Datasheet HTML 97Page - Texas Instruments AM6421 Datasheet HTML 98Page - Texas Instruments AM6421 Datasheet HTML 99Page - Texas Instruments AM6421 Datasheet HTML 100Page - Texas Instruments AM6421 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 260 page
background image
Table 6-80. Connectivity Requirements (continued)
BALL NUMBER
BALL NAME
CONNECTION REQUIREMENTS
F18
G18
J21
G19
K20
J20
J18
J17
H17
H19
H18
G17
MMC0_CALPAD
MMC0_CLK
MMC0_CMD
MMC0_DS
MMC0_DAT0
MMC0_DAT1
MMC0_DAT2
MMC0_DAT3
MMC0_DAT4
MMC0_DAT5
MMC0_DAT6
MMC0_DAT7
If MMC0 is not used, each of these balls must be left unconnected.
H15
K15
VDDA_3P3_SDIO
CAP_VDDSHV_MMC1
If SDIO_LDO is not used to power VDDSHV5, each of these balls
must be connected directly to VSS.
P12
P13
P11
R14
VDDA_0P85_SERDES0
VDDA_0P85_SERDES0
VDDA_0P85_SERDES0_C
VDDA_1P8_SERDES0
If SERDES0 is not used and the device boundary scan function
is required, each of these balls must be connected to valid power
sources.
If SERDES0 is not used and the device boundary scan function
is not required, each of these balls can alternatively be connected
directly to VSS.
T13
W16
W17
Y15
Y16
AA16
AA17
SERDES0_REXT
SERDES0_REFCLK0N
SERDES0_REFCLK0P
SERDES0_RX0_N
SERDES0_RX0_P
SERDES0_TX0_N
SERDES0_TX0_P
If SERDES0 is not used, leave unconnected.
Note: The SERDES0_REXT pin can only be left unconnected
when VDDA_0P85_SERDES0, VDDA_0P85_SERDES0_C, and
VDDA_1P8_SERDES0 are connected to VSS. The
SERDES0_REXT pin must be connected to VSS through
the appropriate external resistor when VDDA_0P85_SERDES0,
VDDA_0P85_SERDES0_C, and VDDA_1P8_SERDES0 are
connected to power sources.
T12
R15
R13
VDDA_0P85_USB0
VDDA_1P8_USB0
VDDA_3P3_USB0
If USB0 is not used, each of these balls must be connected directly
to VSS.
AA20
AA19
U16
U17
T14
USB0_DM
USB0_DP
USB0_ID
USB0_RCALIB
USB0_VBUS
If USB0 is not used, leave unconnected.
Note: The USB0_RCALIB pin can only be left unconnected when
VDDA_0P85_USB0, VDDA_1P8_USB0, and VDDA_3P3_USB0
are connected to VSS. The USB0_RCALIB pin must be
connected to VSS through the appropriate external resistor when
VDDA_0P85_USB0, VDDA_1P8_USB0, and VDDA_3P3_USB0 are
connected to power sources.
K10
VMON_VSYS
If VMON_VSYS is not used, this ball must be connected directly to
VSS.
K16
E12
F13
F14
VMON_1P8_MCU
VMON_1P8_SOC
VMON_3P3_MCU
VMON_3P3_SOC
If VMON_1P8_MCU, VMON_1P8_SOC, VMON_3P3_MCU, and
VMON_3P3_SOC are not used to monitor the MCU and SOC power
rails, these balls must still be connected to their respective 1.8-V and
3.3-V power rails.
(1)
To determine which power supply is associated with any IO, see POWER column of the Pin Attributes table.
Note
Internal pull resistors are weak and may not source enough current to maintain a valid logic level
for some operating conditions. This can be the case when connected to components with leakage
to the opposite logic level, or when external noise sources couple to signal traces attached to balls
which are only pulled to a valid logic level by the internal resistor. Therefore, external pull resistors are
recommended to hold a valid logic level on balls with external connections.
If balls are allowed to float between valid logic levels, the input buffer can enter a high-current state
which can damage the IO cell.
www.ti.com
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
97
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com