Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 71 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 67Page - Texas Instruments AM6421 Datasheet HTML 68Page - Texas Instruments AM6421 Datasheet HTML 69Page - Texas Instruments AM6421 Datasheet HTML 70Page - Texas Instruments AM6421 Datasheet HTML 71Page - Texas Instruments AM6421 Datasheet HTML 72Page - Texas Instruments AM6421 Datasheet HTML 73Page - Texas Instruments AM6421 Datasheet HTML 74Page - Texas Instruments AM6421 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 260 page
background image
Table 6-36. GPIO1 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
GPIO1_46
IO
General Purpose Input/Output
A14
GPIO1_47
IO
General Purpose Input/Output
B14
GPIO1_48
IO
General Purpose Input/Output
D14
GPIO1_49
IO
General Purpose Input/Output
C14
GPIO1_50
IO
General Purpose Input/Output
B15
GPIO1_51
IO
General Purpose Input/Output
A15
GPIO1_52
IO
General Purpose Input/Output
D15
GPIO1_53
IO
General Purpose Input/Output
C16
GPIO1_54
IO
General Purpose Input/Output
B16
GPIO1_55
IO
General Purpose Input/Output
A16
GPIO1_56
IO
General Purpose Input/Output
E15
GPIO1_57
IO
General Purpose Input/Output
E14
GPIO1_58
IO
General Purpose Input/Output
D16
GPIO1_59
IO
General Purpose Input/Output
E16
GPIO1_60
IO
General Purpose Input/Output
A17
GPIO1_61
IO
General Purpose Input/Output
B17
GPIO1_62
IO
General Purpose Input/Output
C17
GPIO1_63
IO
General Purpose Input/Output
D17
GPIO1_64
IOD
General Purpose Input/Output
A18
GPIO1_65
IOD
General Purpose Input/Output
B18
GPIO1_66
IO
General Purpose Input/Output
C18
GPIO1_67
IO
General Purpose Input/Output
B19
GPIO1_68 (1)
IO
General Purpose Input/Output
D18
GPIO1_69
IO
General Purpose Input/Output
A19
GPIO1_70 (1)
IOD
General Purpose Input/Output
C19
GPIO1_71 (1)
IO
General Purpose Input/Output
K18
GPIO1_72 (1)
IO
General Purpose Input/Output
K19
GPIO1_73 (1)
IO
General Purpose Input/Output
L21
GPIO1_74 (1)
IO
General Purpose Input/Output
K21
GPIO1_75 (1)
IO
General Purpose Input/Output
L20
GPIO1_76 (1)
IO
General Purpose Input/Output
J19
GPIO1_77 (1)
IO
General Purpose Input/Output
D19
GPIO1_78 (1)
IO
General Purpose Input/Output
C20
GPIO1_79
IO
General Purpose Input/Output
E19
(1)
This GPIO input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device
Configuration chapter.
6.3.10.2 MCU Domain
Table 6-37. MCU_GPIO0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
MCU_GPIO0_0 (1)
IO
General Purpose Input/Output
E8
MCU_GPIO0_1 (1)
IO
General Purpose Input/Output
D8
MCU_GPIO0_2
IO
General Purpose Input/Output
A8
MCU_GPIO0_3
IO
General Purpose Input/Output
A9
MCU_GPIO0_4
IO
General Purpose Input/Output
B6
MCU_GPIO0_5 (1)
IO
General Purpose Input/Output
A7
www.ti.com
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com