Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 222 Page - Texas Instruments

Part # AM652X
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM652X Datasheet(HTML) 222 Page - Texas Instruments

Back Button AM652X Datasheet HTML 218Page - Texas Instruments AM652X Datasheet HTML 219Page - Texas Instruments AM652X Datasheet HTML 220Page - Texas Instruments AM652X Datasheet HTML 221Page - Texas Instruments AM652X Datasheet HTML 222Page - Texas Instruments AM652X Datasheet HTML 223Page - Texas Instruments AM652X Datasheet HTML 224Page - Texas Instruments AM652X Datasheet HTML 225Page - Texas Instruments AM652X Datasheet HTML 226Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 284 page
background image
RFT_CLK
T3
T4
T5
HWn_TSPUSH
T1
T2
Figure 7-84. CPTS Input Timing
7.9.5.17.2 CPTS Switching Characteristics
NO.
PARAMETER
DESCRIPTION
SOURCE
MIN
MAX UNIT
T6
tw(TS_COMPH)
Pulse duration, TS_COMP high
-6+36P
(1)
ns
T7
tw(TS_COMPL)
Pulse duration, TS_COMP low
-6+36P
(1)
ns
T8
tw(TS_SYNCH)
Pulse duration, TS_SYNC high
-6+36P
(1)
ns
T9
tw(TS_SYNCL)
Pulse duration, TS_SYNC low
-6+36P
(1)
ns
T10
tw(SYNC_OUTH)
Pulse duration, SYNCn_OUT(2) high
TS_SYNC
-6+36P
(1)
ns
TS_GENF
-6+5P(1)
ns
T11
tw(SYNC_OUTL)
Pulse duration, SYNCn_OUT(2) low
TS_SYNC
-6+36P
(1)
ns
TS_GENF
-6+5P(1)
ns
(1)
P = functional clock period in ns.
(2)
n = 0 to 3 in SYNCn_OUT
TS_COMP
T6
T7
TS_SYNC
T8
T9
SYNCn_OUT
T10
T11
Figure 7-85. CPTS Switching Characteristics
For more information, see section Navigator Subsystem (NAVSS) section in Data Movement Architecture (DMA)
chapter in the device TRM.
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
222
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com