Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM652X Datasheet(PDF) 225 Page - Texas Instruments

Part # AM652X
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM652X Datasheet(HTML) 225 Page - Texas Instruments

Back Button AM652X Datasheet HTML 221Page - Texas Instruments AM652X Datasheet HTML 222Page - Texas Instruments AM652X Datasheet HTML 223Page - Texas Instruments AM652X Datasheet HTML 224Page - Texas Instruments AM652X Datasheet HTML 225Page - Texas Instruments AM652X Datasheet HTML 226Page - Texas Instruments AM652X Datasheet HTML 227Page - Texas Instruments AM652X Datasheet HTML 228Page - Texas Instruments AM652X Datasheet HTML 229Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 284 page
background image
NO.
DESCRIPTION(1)
MODE
MIN
MAX
UNIT
O10 td(CLK-CSn)
Delay time, CLK rising edge to CSn active edge
1.8V
0.475 × P +
0.975 × N × R
- 1(1) (2) (4)
0.475 × P +
0.975 × N × R
+ 1 (1) (2) (4)
ns
3.3V
0.475 × P +
0.975 × N × R
- 1(1) (2) (4)
0.475 × P +
0.975 × N × R
+ 1 (1) (2) (4)
ns
O11 td(CLK-CSn)
Delay time, CLK rising edge to CSn inactive
edge
1.8V
0.475 × P +
0.975 × N × R
- 1 (1) (3) (4)
0.475 × P +
0.975 × N × R
(1) (3) (4)
ns
3.3V
0.475 × P +
0.975 × N × R
- 1(1) (3) (4)
0.475 × P +
0.975 × N × R
+ 1 (1) (3) (4)
ns
O12 td(CLK-D)
Delay time, CLK active edge to D[i:0] transition
1.8V
-1.15
1.25
ns
3.3V
-1.33
1.51
ns
(1)
P = CLK cycle time = SCLK period
(2)
N = OSPI_DEV_DELAY_REG[D_INIT_FLD]
(3)
N = OSPI_DEV_DELAY_REG[D_AFTER_FLD]
(4)
R = refclk
OSPI_CLK
OSPI_D[i:0]
OSPI_TIMING_02
OSPI_CSn
O10
O11
O9
O8
O12
O7
Figure 7-88. OSPI Switching Characteristics - SDR
Section 7.9.5.18.2.3, Section 7.9.5.18.2.1, Figure 7-89, and Figure 7-87 presents timing requirements for OSPI
DDR and SDR Mode.
7.9.5.18.2.3 OSPI Timing Requirements - DDR Mode
Table 7-68. OSPI DLL Delay Mapping - DDR Timing Modes
OSPI Instance
MODE
OSPI_PHY_CONFIGURATION_REG BIT
FIELD
DELAY VALUE
OSPI0
1.8V
PHY_CONFIG_TX_DLL_DELAY_FLD
0x41
3.3V
PHY_CONFIG_TX_DLL_DELAY_FLD
0x46
1.8V DQS
PHY_CONFIG_RX_DLL_DELAY_FLD
0x16
3.3V DQS
PHY_CONFIG_RX_DLL_DELAY_FLD
0x3E
Non-PHY mode
PHY_CONFIG_RX_DLL_DELAY_FLD
0x0
OSPI1
1.8V
PHY_CONFIG_TX_DLL_DELAY_FLD
0x44
3.3V
PHY_CONFIG_TX_DLL_DELAY_FLD
0x4C
1.8V DQS
PHY_CONFIG_RX_DLL_DELAY_FLD
0x16
3.3V DQS
PHY_CONFIG_RX_DLL_DELAY_FLD
0x40
Non-PHY mode
PHY_CONFIG_RX_DLL_DELAY_FLD
0x0
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
225
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com