Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8090EXGA Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA8090EXGA
Description  Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver with high performance processing capability
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090EXGA Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA8090EXGA Datasheet HTML 16Page - STMicroelectronics STA8090EXGA Datasheet HTML 17Page - STMicroelectronics STA8090EXGA Datasheet HTML 18Page - STMicroelectronics STA8090EXGA Datasheet HTML 19Page - STMicroelectronics STA8090EXGA Datasheet HTML 20Page - STMicroelectronics STA8090EXGA Datasheet HTML 21Page - STMicroelectronics STA8090EXGA Datasheet HTML 22Page - STMicroelectronics STA8090EXGA Datasheet HTML 23Page - STMicroelectronics STA8090EXGA Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Pin description
STA8090EXGA
20/42
DS11733 Rev 3
2.11
RF front-end pins
GPIO12
VDDIO_R2
I/O
AF0 (default),
AF1, AF2, AF3
GPIO12
General purpose I/O #12
L8
GPIO13
VDDIO_R2
I/O
AF0 (default),
AF1, AF2, AF3
GPIO13
General purpose I/O #13
K9
GPIO19
VDDIO_R2
I/O
AF0 (default),
AF1, AF2, AF3
GPIO19
General purpose I/O #19
J8
Table 10. General purpose pins (continued)
Symbol
I/O
voltage
I/O
Alternative
function
Function
Description
Table 11. RF front-end pins
Symbol
I/O
voltage
I/O
Description
STA8090EXGA
ANT_SENSE1
3.3 V
I
Antenna sensing input 1
M13
ANT_SENSE2
3.3 V
I
Antenna sensing input 2
L12
LNA_IN
1.2 V
I
Low Noise Amplifier Input
N10
XTAL_IN
1.2 V
I
Input Side of Crystal Oscillator or TCXO Input
K12
XTAL_OUT
1.2 V
O
Output Side of Crystal Oscillator
K13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com