Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8090EXGA Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA8090EXGA
Description  Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver with high performance processing capability
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090EXGA Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA8090EXGA Datasheet HTML 23Page - STMicroelectronics STA8090EXGA Datasheet HTML 24Page - STMicroelectronics STA8090EXGA Datasheet HTML 25Page - STMicroelectronics STA8090EXGA Datasheet HTML 26Page - STMicroelectronics STA8090EXGA Datasheet HTML 27Page - STMicroelectronics STA8090EXGA Datasheet HTML 28Page - STMicroelectronics STA8090EXGA Datasheet HTML 29Page - STMicroelectronics STA8090EXGA Datasheet HTML 30Page - STMicroelectronics STA8090EXGA Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
DS11733 Rev 3
27/42
STA8090EXGA
General description
41
RTC features
47-bit counter clocked by 32.768 kHz clock
32-bit for the integer part (seconds) and 15-bit for the fractional part
The integer part and the fractional part are readable independently
The counter, once enabled, can be stopped
Integer part load register (32-bit)
Fractional part load register (15-bit)
Load bit to transfer the content of the entire load register (integer+fractional part) to the
47-bit counter. Once set by the MCU this bits is cleared by the hardware to signal to the
MCU that the RTC has been updated.
3.4.12
MSP
The STA8090EXGA provides one MSP transmitter block.
Element (data) size from 8 to 32 bits, LSB or MSB first
Programmable frequency shift clock for data transfer
Direct interface to:
–
industry-standard codecs and serially connected A/D and D/A devices
–
IIS compliant devices
–
SPI compliant devices
Transmit first-in, first-out memory buffers (FIFOs), 32 bit wide, 8 locations deep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com