Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8090EXGA Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA8090EXGA
Description  Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver with high performance processing capability
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090EXGA Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA8090EXGA Datasheet HTML 26Page - STMicroelectronics STA8090EXGA Datasheet HTML 27Page - STMicroelectronics STA8090EXGA Datasheet HTML 28Page - STMicroelectronics STA8090EXGA Datasheet HTML 29Page - STMicroelectronics STA8090EXGA Datasheet HTML 30Page - STMicroelectronics STA8090EXGA Datasheet HTML 31Page - STMicroelectronics STA8090EXGA Datasheet HTML 32Page - STMicroelectronics STA8090EXGA Datasheet HTML 33Page - STMicroelectronics STA8090EXGA Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Electrical characteristics
STA8090EXGA
30/42
DS11733 Rev 3
4.6
Recommended DC operating conditions
Table 17 lists the functional recommended operating DC parameters for STA8090EXG.
Table 16. Power consumption
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
PRF
RFIP power (total VINL2)
G2 = GPS/Galileo;
Tamb = 25 °C; VINL2 =1.8 V
—25
—
mW
G2 + GLONASS;
Tamb = 25 °C; VINL2 =1.8 V
—35
—
mW
G2 + BeiDou; Tamb =25 °C;
VINL2 =1.8 V
—35
—
mW
PMVR(1)
1. Not tested in production.
Switchable area power;
(total VINL1)
fARM = 196 MHz;
fAHB =49 MHz; Tamb =25°C;
VINL1 = 1.8 V; UART active;
other peripherals inactive
—90
—
mW
PLPVR(1)
Always ON area power
(total VINB)
fARM = 196 MHz;
fAHB =49 MHz; Tamb =25°C;
VINB =3.3 V
—1—
mW
PIO(1)
IO rings power (total
VDDIO_R1 + VDDIO_R2)
fARM = 196 MHz;
fAHB =49 MHz; Tamb =25°C;
VINL1 = 1.8 V; UART active;
other peripherals inactive
—4—
mW
IDStandby
StandBy mode supply
current
RTC running = 32.768 KHz;
Tamb = 25 °C; VINB =1.8 V
—29
—
µA
IDDeepStandby
Deep StandBy mode
supply current(2)
2. STDBY_OUT pin not supported in deep standby.
—7—
µA
Table 17. Recommended DC operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC_CHAIN Analog supply voltage for RF chain (1.2 V)
1.08
1.20
1.32
V
VCC_PLL
Analog supply voltage for PLL RF (1.2 V)
1.08
1.20
1.32
V
VCC_RF
Analog supply voltage for RF (1.2 V)
1.08
1.20
1.32
V
VDD_ADC
Digital supply voltage for ADC (1.8 V)
1.71
1.80
1.89
V
VDD_SQI
Digital supply voltage for SQI I/O ring (1.8 V)
1.71
1.80
1.89
V
Digital supply voltage for SQI I/O ring (3.3 V)
3.00
3.30
3.60
V
VDDD
Power supply pins for the core logic.
1.00
1.10
1.32
V
VDDIO_FSMC
Digital supply voltage for FSMC I/O ring (1.8 V)
1.71
1.80
1.89
V
Digital supply voltage for FSMC I/O ring (3.3 V)
3.00
3.30
3.60
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com