Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8090EXGA Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA8090EXGA
Description  Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver with high performance processing capability
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090EXGA Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA8090EXGA Datasheet HTML 24Page - STMicroelectronics STA8090EXGA Datasheet HTML 25Page - STMicroelectronics STA8090EXGA Datasheet HTML 26Page - STMicroelectronics STA8090EXGA Datasheet HTML 27Page - STMicroelectronics STA8090EXGA Datasheet HTML 28Page - STMicroelectronics STA8090EXGA Datasheet HTML 29Page - STMicroelectronics STA8090EXGA Datasheet HTML 30Page - STMicroelectronics STA8090EXGA Datasheet HTML 31Page - STMicroelectronics STA8090EXGA Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Electrical characteristics
STA8090EXGA
28/42
DS11733 Rev 3
4
Electrical characteristics
4.1
Parameter conditions
Unless otherwise specified, all voltages are referred to GND.
4.2
Minimum and maximum values
Unless otherwise specified the minimum and maximum values are guaranteed in the worst
conditions of ambient temperature, supply voltage and frequencies by tests in production on
100%.
STA8090EXGA parts are tested at t=-40°C and T=85°C
4.3
Typical values
Unless otherwise specified, typical data are based on TA = 25°C, Vddio = 1.8 V, Vdd = 1.20 V.
They are given only as design guidelines and are not tested.
4.4
Typical curves
Unless otherwise specified, all typical curves are given only as design guidelines and are
not tested.
4.5
Absolute maximum ratings
This product contains devices to protect the inputs against damage due to high static
voltages, however it is advisable to take normal precautions to avoid application of any
voltage higher than the specified maximum rated voltages.
Table 13 lists the absolute maximum rating for STA8090EXG.
Table 13. Voltage characteristics
Symbol
Parameter
Min.
Max.
Unit
VCC_CHAIN
Analog supply voltage for RF chain (1.2 V)
-0.3
1.32
V
VCC_PLL
Analog supply voltage for PLL RF (1.2 V)
-0.3
1.32
V
VCC_RF
Analog supply voltage for RF (1.2 V)
-0.3
1.32
V
VDD_ADC
Digital supply voltage for ADC (1.8 V)
-0.3
1.98
V
VDD_SQI
Digital supply voltage for SQI
-0.3
3.63
V
VDDD
Power supply pins for the core logic.
-0.3
1.32
V
VDDIO_FSMC Digital supply voltage for FSMC I/O ring (1.8 V or 3.3 V
-0.3
3.63V
VDDIO_R1
Digital supply voltage for I/O ring 1 (1.8 V or 3.3 V)
-0.3
3.63
V
VDDIO_R2
Digital supply voltage for I/O ring 2 (3.3 V)
-0.3
3.63
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com