Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8090EXGA Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA8090EXGA
Description  Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver with high performance processing capability
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090EXGA Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA8090EXGA Datasheet HTML 25Page - STMicroelectronics STA8090EXGA Datasheet HTML 26Page - STMicroelectronics STA8090EXGA Datasheet HTML 27Page - STMicroelectronics STA8090EXGA Datasheet HTML 28Page - STMicroelectronics STA8090EXGA Datasheet HTML 29Page - STMicroelectronics STA8090EXGA Datasheet HTML 30Page - STMicroelectronics STA8090EXGA Datasheet HTML 31Page - STMicroelectronics STA8090EXGA Datasheet HTML 32Page - STMicroelectronics STA8090EXGA Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
DS11733 Rev 3
29/42
STA8090EXGA
Electrical characteristics
41
Note:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
VINB
Backup LDO input supply voltage (1.6 V to 4.3 V)
-0.3
4.8
V
VINL1
LDO1 input supply voltage (1.6 V to 4.3 V)
-0.3
4.8
V
VINL2
LDO2 input supply voltage (1.6 V to 4.3 V)
-0.3
4.8
V
VINM
SMPS coil input supply (1.6 V to 4.3 V)
-0.3
4.8
V
VDD_ANA
SMPS input supply (1.6 V to 4.3 V)
-0.3
4.8
V
VESD-HBM
Electrostatic discharge, human body model(1)
-2
2
kV
VESD-CDM
Electrostatic discharge, charge device model(2)
-250
250
V
1. Balls sustaining only ±500 V are: A1, A2, A9, A10, A11, A12, A13, B1, B2, B13, C1, C2, D1, E1, E2, E10,
E11, F1, N11, N12, N13.
2. Ball N10 (LNA_IN) sustains only ±100 V.
Table 13. Voltage characteristics (continued)
Symbol
Parameter
Min.
Max.
Unit
Table 14. Thermal characteristics
Symbol
Parameter
Min.
Max.
Unit
Toper
Operative temperature range
-40
85
°C
Tj
Operative junction temperature
-40
125
°C
Tst
Storage temperature
-55
150
°C
Rj-amb
Thermal resistance junction to ambient(1)
1. According to JEDEC specification on a 2 layers board.
—41
°C/W
Table 15. Frequency limits
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
FCLK
Operating ARM9 CPU frequency V
DDD =1.2 V;
TC =85 °C(1)
1. Not tested in production.
——
196
MHz
FAHB
AHB frequency
—
—
49
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com