Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8090EXGA Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA8090EXGA
Description  Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver with high performance processing capability
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090EXGA Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA8090EXGA Datasheet HTML 28Page - STMicroelectronics STA8090EXGA Datasheet HTML 29Page - STMicroelectronics STA8090EXGA Datasheet HTML 30Page - STMicroelectronics STA8090EXGA Datasheet HTML 31Page - STMicroelectronics STA8090EXGA Datasheet HTML 32Page - STMicroelectronics STA8090EXGA Datasheet HTML 33Page - STMicroelectronics STA8090EXGA Datasheet HTML 34Page - STMicroelectronics STA8090EXGA Datasheet HTML 35Page - STMicroelectronics STA8090EXGA Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Electrical characteristics
STA8090EXGA
32/42
DS11733 Rev 3
Table 20 specifies the LDO2 voltage regulator characteristics.
Table 21 specifies the low voltage detection thresholds
Table 22 lists the DC characteristics for all the IO digital buffers except for the following input
buffers: STBYn (H9), STDBY_OUT (J10), WAKEUP0 (F11), WAKEUP1 (F10),
PMU_CFG (H10) and RSTn (G9).
Table 20. LDO2 DC characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOL2
Output voltage 1.6 V ≤ VINL2 ≤4.3 V; IOL2 ≤ 30 mA
1.08
1.20
1.32
V
IOL2
Output current
—
0
—
30
mA
Table 21. Low voltage detection thresholds
Parameter
Min.
Typ.
Max.
Unit
Input LVD always on
and main VRs(1)
1. Not tested in production.
Upper voltage threshold
—
1.680
—
V
Lower voltage threshold
—
1.650
—
V
Output LVD always
on VR(1)
Upper voltage threshold
—
0.995
—
V
Lower voltage threshold
—
0.935
—
V
Output LVD main VR
(1.1 V)(1)
Upper voltage threshold @ VOL1/M = 1.2 V
—
1.142
—
V
Lower voltage threshold @ VOL1/M = 1.2 V
—
1.076
—
V
Upper voltage threshold @ VOL1/M = 1.1 V
—
1.048
—
V
Lower voltage threshold @ VOL1/M = 1.1 V
—
0.986
—
V
Output LVD main VR
(1.8 V)(1)
Upper voltage threshold @ VOL1/M = 1.8 V
—
1.645
—
V
Lower voltage threshold @ VOL1/M = 1.8 V
—
1.626
—
V
Table 22. I/O buffers DC characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL(1)
1. Excludes oscillator inputs RTC_XTI and XTAL_IN. Refer to oscillator electrical specifications.
Logical input low level
voltage
VDDIO = 1.8 V
-0.3
—
0.3 * VDDIO
V
VDDIO = 3.3V
-0.3
—
0.8
V
VIH(1)
Logical input high level
voltage
VDDIO = 1.8 V
0.7 * VDDIO
—VDDIO + 0.3
V
VDDIO = 3.3V
2.0
—
VDDIO + 0.3
V
VHYST(2)
2. Apply to all digital inputs unless specified otherwise.
Schmitt-trigger hysteresis –
50
—
—
mV
VOL
Low level output voltage
VDDIO = 1.8 V
—
—
0.4
V
VDDIO = 3.3V
—
—
0.4
V
VOH
High level output voltage
VDDIO = 1.8 V
VDDIO - 0.4
—
—
V
VDDIO = 3.3V
VDDIO - 0.4
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com