Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8090EXGA Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA8090EXGA
Description  Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver with high performance processing capability
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090EXGA Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA8090EXGA Datasheet HTML 27Page - STMicroelectronics STA8090EXGA Datasheet HTML 28Page - STMicroelectronics STA8090EXGA Datasheet HTML 29Page - STMicroelectronics STA8090EXGA Datasheet HTML 30Page - STMicroelectronics STA8090EXGA Datasheet HTML 31Page - STMicroelectronics STA8090EXGA Datasheet HTML 32Page - STMicroelectronics STA8090EXGA Datasheet HTML 33Page - STMicroelectronics STA8090EXGA Datasheet HTML 34Page - STMicroelectronics STA8090EXGA Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
DS11733 Rev 3
31/42
STA8090EXGA
Electrical characteristics
41
4.7
DC characteristics
Table 18 specifies the SMPS voltage regulator characteristics.
Table 19 specifies the LDO1 voltage regulator characteristics.
VDDIO_R1
Digital supply voltage for I/O ring 1 (1.8 V)
1.71
1.80
1.89
V
Digital supply voltage for I/O ring 1 (3.3 V)
3.00
3.30
3.60
V
VDDIO_R2
Digital supply voltage for I/O ring 2 (3.3 V)
3.00
3.30
3.60
V
VINB
Backup LDO input supply voltage (1.6 V to 4.3 V)
1.60
—
4.30
V
VINL1
LDO1 input supply voltage to generate 1.2 V
1.60
—
4.30
V
LDO1 input supply voltage to generate 1.8 V
2.10
—
4.30
V
VINL2
LDO2 input supply voltage to generate 1.2 V
1.60
—
4.30
V
VINM
SMPS coil input supply voltage to generate 1.2 V
1.60
—
4.30
V
SMPS coil input supply voltage to generate 1.8 V
2.10
—
4.30
V
VDD_ANA
SMPS input supply (1.6 V to 4.3 V)
1.60
—
4.30
V
TC
Operating temperature range
-40
—
85
°C
Table 17. Recommended DC operating conditions (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Table 18. SMPS DC characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOM
Output voltage (1.2 V)
1.6 V ≤ VINM ≤4.3 V;
IOM ≤100 mA
1.1
1.20
1.32
V
Output voltage (1.8 V)
2.1 V ≤ VINM ≤4.3 V;
IOM ≤100 mA
1.71
1.80
1.89
V
IOM
Output current
0
—
100
mA
Table 19. LDO1 DC characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOL1
Output voltage (1.2V)
1.6 V ≤ VINL1 ≤4.3 V;
IOL1 ≤70mA
1.1
1.20
1.32
V
Output voltage (1.8V)
2.1 V ≤ VINL1 ≤4.3 V;
IOL1 ≤70mA
1.71
1.80
1.89
V
IOL1
Output current
0
—
70
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com