Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8090EXGA Datasheet(PDF) 33 Page - STMicroelectronics

Part # STA8090EXGA
Description  Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver with high performance processing capability
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090EXGA Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STA8090EXGA Datasheet HTML 29Page - STMicroelectronics STA8090EXGA Datasheet HTML 30Page - STMicroelectronics STA8090EXGA Datasheet HTML 31Page - STMicroelectronics STA8090EXGA Datasheet HTML 32Page - STMicroelectronics STA8090EXGA Datasheet HTML 33Page - STMicroelectronics STA8090EXGA Datasheet HTML 34Page - STMicroelectronics STA8090EXGA Datasheet HTML 35Page - STMicroelectronics STA8090EXGA Datasheet HTML 36Page - STMicroelectronics STA8090EXGA Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
DS11733 Rev 3
33/42
STA8090EXGA
Electrical characteristics
41
Table 23 lists the DC characteristics for the 1.0 V IO digital buffers input buffers:
STBYn (H9), STDBY_OUT (J10), WAKEUP0 (F11), WAKEUP1 (F10), PMU_CFG (H10)
and RSTn (G9).
4.8
AC characteristics
4.8.1
RF electrical specifications
Table 23. 1.0 V I/O buffers DC characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Logical input low level voltage VOB = 1.0 V
-0.3
—
0.35 * VOB
V
VIH
Logical input high level voltage VOB = 1.0 V
0.65 * VOB
—VOB + 0.3
V
VOL
Low level output voltage
VOB =1.0 V
—
—
0.2
V
VOH
High level output voltage
VOB =1.0 V
VOB - 0.2
—
—
V
Table 24. RFCHAIN – GALGPS filter and VGA
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
S11(1)
1. Not tested in production.
Input return loss
GPS band
—
-8
—
dB
fIF
IF frequency
PLL in default condition with
26Mhz as reference
—4.045
—
MHz
NF
Noise figure
NF overall chain with AGC
set at 0 dB
—2(1)
—dB
CG
Conversion gain from
RF input to ADC input
VGA at max gain
—
119
—
dB
VGA at min gain
—
62
—
dB
IP1dB
RF-IF-VGA input
compression point
VGA min
—
-70
—
dBm
IRR
Image rejection ratio
—
20
—
dB
BWGPS
-3dB IF bandwidth
GPS mode
—
2.4
—
MHz
BWGAL
Galileo mode
—
4.8
—
MHz
ATT
Alias frequency
rejection
F = 60 MHz
(fs = 65.474 MHz)
—30(1)
—dB
TgGPS
IF filter group delay
variation
GPS mode
—
—
200(1)
ns
TgGAL
Galileo mode
—
—
30(1)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com