Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA003 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPA003
Description  4 x 52 W quad bridge power amplifier with high side driver and low voltage operation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA003 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPA003 Datasheet HTML 8Page - STMicroelectronics STPA003 Datasheet HTML 9Page - STMicroelectronics STPA003 Datasheet HTML 10Page - STMicroelectronics STPA003 Datasheet HTML 11Page - STMicroelectronics STPA003 Datasheet HTML 12Page - STMicroelectronics STPA003 Datasheet HTML 13Page - STMicroelectronics STPA003 Datasheet HTML 14Page - STMicroelectronics STPA003 Datasheet HTML 15Page - STMicroelectronics STPA003 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Electrical specifications
STPA003
12/25
DS10473 Rev 2
Control pin characteristics
Ipin5
Standby pin current
VSt-by = 0.8 V to 2.2 V
-
-
0.5
µA
VSB out Standby out threshold voltage
(Amp: ON)
2.2
-
-
V
VSB in
Standby in threshold voltage
(Amp: OFF)
-
-
0.8
V
VM out
Mute out threshold voltage
(Amp: Play)
2.3
-
-
V
VM in
Mute in threshold voltage
(Amp: Mute)
-
-
0.8
V
VAM in
VS automute threshold
(Amp: Mute)
Att 80 dB; POref = 4 W
(Amp: Play)
Att < 0.1 dB; PO = 0.5 W
4.5
-
5
-
5.5
6
V
V
Ipin23
Muting pin current
VMUTE = 0.8 V
(Sourced current)
-
9
14
µA
HSD section
Vdropout Dropout voltage
IO = 0.35 A
-
0.25
0.3
V
Iprot
Current limits
-
400
-
800
mA
Offset detector
VOFF
Detected differential output offset
-
±2.3
±3
±3.7
V
VOFF_SAT Off detector saturation voltage
Vo > ±3 V, Ioff Det = 1 mA
0 V < Voff Det < 18 V
-
0.05
0.1
V
VOFF_LK Off detector leakage current
Vo < ±1 V
-
0
15
µA
Clipping detector
CDLK
Clip detector high leakage current Cd off
-
0
1
µA
CDSAT Clip detector saturation voltage
DC On; ICD = 1 mA
-
0.2
0.4
V
CDTHD Clip detector THD level
-
-
1
-
%
1. Saturated square wave output
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com