Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA003 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STPA003
Description  4 x 52 W quad bridge power amplifier with high side driver and low voltage operation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA003 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STPA003 Datasheet HTML 13Page - STMicroelectronics STPA003 Datasheet HTML 14Page - STMicroelectronics STPA003 Datasheet HTML 15Page - STMicroelectronics STPA003 Datasheet HTML 16Page - STMicroelectronics STPA003 Datasheet HTML 17Page - STMicroelectronics STPA003 Datasheet HTML 18Page - STMicroelectronics STPA003 Datasheet HTML 19Page - STMicroelectronics STPA003 Datasheet HTML 20Page - STMicroelectronics STPA003 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
DS10473 Rev 2
17/25
STPA003
General information
24
5.2
Battery variations
5.2.1
Low voltage operation
Most recent OEM specifications require automatic stop for car engine at traffic lights, in
order to reduce emissions of polluting substances. The STPA003, thanks to its innovating
design, allows a continuous operation when battery falls down. At 6 V it is still fully
operational, only the maximum output power is reduced according to the available voltage
supply.
If the battery voltage drops below the minimum operating voltage of 6 V the amplifier is fast
muted, the capacitor on SVR is discharged and the amplifier restarts when the battery
voltage returns to the correct voltage.
5.2.2
Cranks
STPA003 can sustain worst case cranks from 16 V to 6 V, continuing to play and without
producing any pop noise.
Examples of battery cranking curves are shown below, indicating the shape and duration of
allowed battery transitions.
Figure 22. Battery cranking curve example 1
V1 = 16 V; V2 = 6 V; V3 = 7 V; V4 = 8 V
t1 = 2 ms; t2 = 50 ms; t3 = 5 ms; t4 = 300 ms; t5 =10 ms; t6 = 1 s; t7 = 2 ms
GAPGPS00674
V
V1
V2
V3
V4
t1
t2
t3
t4 t
5
t6
t7
(V)
batt
t (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com