Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA003 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STPA003
Description  4 x 52 W quad bridge power amplifier with high side driver and low voltage operation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA003 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STPA003 Datasheet HTML 12Page - STMicroelectronics STPA003 Datasheet HTML 13Page - STMicroelectronics STPA003 Datasheet HTML 14Page - STMicroelectronics STPA003 Datasheet HTML 15Page - STMicroelectronics STPA003 Datasheet HTML 16Page - STMicroelectronics STPA003 Datasheet HTML 17Page - STMicroelectronics STPA003 Datasheet HTML 18Page - STMicroelectronics STPA003 Datasheet HTML 19Page - STMicroelectronics STPA003 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
General information
STPA003
16/25
DS10473 Rev 2
5
General information
5.1
Operation
The STPA003's inputs are ground-compatible. If the standard value for the input capacitors
(0.22 µF) is adopted, the low frequency cut-off will amount to 16 Hz. For optimum pop
performances, the capacitor connected to AC-GND should be four times bigger than input
capacitors (see Figure 2).
Standby and mute pins are 3.3 V and 5 V compatible.
RC cells at both mute and stand-by pins have always to be used in order to smooth the
transitions for preventing any audible transient noise. A time constant slower than 2.5 V/ms
is suggested for the stand-by pin and 0.5 V/ms for the mute pin.
In case the standby function is not used, it could steadily be connected to Vs through a
470 kΩ resistor.
The capacitance on SVR sets the start-up and shut-down times and helps to have pop-noise
free transitions. Its minimum recommended value is 10 µF. However, to have a fast start-up
time, the internal resistor on SVR pin, used to set the time constant, is reduced from 100 kΩ
to 3 kΩ till voltage on SVR reaches VCC/4 - 2 VBE and then released. In this way the
capacitor on SVR is charged very quickly to VCC/4, as shown in the following figure.
Figure 21. SVR charge diagram
SVR pin accomplishes multiple functions:
it is used as a reference voltage for input pins (VCC/4)
the capacitor connected to SVR helps the supply voltage ripple rejection
it is used as a reference to generate the half supply voltage for the output
When the amplifier goes in stand-by mode or goes out from this condition, it is suggested to
put the amplifier in mute to ensure the absence of audible noise. Then the standby pin can
be set to the appropriate value (ground or > 2.2 V) and the capacitance on SVR pin is
discharged or charged consequently.
GAPGPS00673
Time
VCC/4 – 2VBE
VCC/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com