Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA003 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STPA003
Description  4 x 52 W quad bridge power amplifier with high side driver and low voltage operation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA003 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STPA003 Datasheet HTML 14Page - STMicroelectronics STPA003 Datasheet HTML 15Page - STMicroelectronics STPA003 Datasheet HTML 16Page - STMicroelectronics STPA003 Datasheet HTML 17Page - STMicroelectronics STPA003 Datasheet HTML 18Page - STMicroelectronics STPA003 Datasheet HTML 19Page - STMicroelectronics STPA003 Datasheet HTML 20Page - STMicroelectronics STPA003 Datasheet HTML 21Page - STMicroelectronics STPA003 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
General information
STPA003
18/25
DS10473 Rev 2
Figure 23. Battery cranking curve example 2
V1 = 16 V; V2 = 6 V; V3 = 7 V
t1 = 2 ms; t2 = 5 ms; t3 = 15 ms; t5 = 1 s; t6 = 50 ms
5.2.3
Advanced battery management (hybrid vehicles)
In addition to compatibility with low Vbatt, the STPA003 is able to sustain upwards fast
battery transitions without causing unwanted audible effects, like pop noise, and without any
sound interruption thanks to the innovative circuit topology. In fact, in hybrid vehicles, the
engine ignition causes a fast increase of battery voltage which can reach 16 V in less than
10 ms.
Figure 24. Upwards fast battery transitions diagram
GAPGPS00675
V
(V)
t (s)
V1
V2
V3
t1
t2
t3
t5
t6
batt
GAPGPS00676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com