Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA003 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STPA003
Description  4 x 52 W quad bridge power amplifier with high side driver and low voltage operation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA003 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STPA003 Datasheet HTML 9Page - STMicroelectronics STPA003 Datasheet HTML 10Page - STMicroelectronics STPA003 Datasheet HTML 11Page - STMicroelectronics STPA003 Datasheet HTML 12Page - STMicroelectronics STPA003 Datasheet HTML 13Page - STMicroelectronics STPA003 Datasheet HTML 14Page - STMicroelectronics STPA003 Datasheet HTML 15Page - STMicroelectronics STPA003 Datasheet HTML 16Page - STMicroelectronics STPA003 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DS10473 Rev 2
13/25
STPA003
Electrical characteristics typical curves
24
4
Electrical characteristics typical curves
Figure 6. Quiescent current vs. supply voltage Figure 7. Output power vs. supply voltage (4 Ω)
Figure 8. Output power vs. supply voltage (2 Ω)
Figure 9. Distortion vs. output power (4 Ω)
Figure 10. Distortion vs. output power (2 Ω)
Figure 11. Distortion vs. frequency (4 Ω)
Iq (mA)
Vs (V)
150
160
170
180
190
200
210
220
230
240
250
6
8
10
12
14
16
18
Vin = 0
RL =
GAPGPS02484
Po (W)
Vs (V)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
6
7
8
9
101112131415161718
Po-max
THD=10%
THD=1%
GAPGPS02485
RL= 4
Ω
f = 1 kHz
GAPGPS02486
Po (W)
0
10
20
30
40
50
60
70
80
90
100
110
120
6789
10
11
12
13
14
15
16
Vs (V)
RL= 2
Ω
f = 1 kHz
Po-max
THD=10%
THD=1%
0.001
0.01
0.1
1
10
0.1
1
10
Po (W)
f =10 k Hz
f =1 kHz
Vs = 14.4 V
RL = 4
Ω
THD (%)
GAPGPS02487
Po (W)
THD (%)
0.001
0.01
0.1
1
10
0.1
1
10
f =10 k Hz
Vs = 14.4 V
RL = 2
Ω
f =1 kHz
GAPGPS02488
0.001
0.01
0.1
1
10
10
100
1000
10000
THD (%)
f (Hz)
Vs= 14.4 V
RL= 4
Po= 4 W
GAPGPS02489



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com