Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA003 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STPA003
Description  4 x 52 W quad bridge power amplifier with high side driver and low voltage operation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA003 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STPA003 Datasheet HTML 11Page - STMicroelectronics STPA003 Datasheet HTML 12Page - STMicroelectronics STPA003 Datasheet HTML 13Page - STMicroelectronics STPA003 Datasheet HTML 14Page - STMicroelectronics STPA003 Datasheet HTML 15Page - STMicroelectronics STPA003 Datasheet HTML 16Page - STMicroelectronics STPA003 Datasheet HTML 17Page - STMicroelectronics STPA003 Datasheet HTML 18Page - STMicroelectronics STPA003 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
DS10473 Rev 2
15/25
STPA003
Electrical characteristics typical curves
24
Figure 18. Power dissipation vs. average output
power (4 Ω, audio program simulation)
Figure 19. Power dissipation vs. average output
power (2 Ω, audio program simulation)
Figure 20. ITU R-ARM frequency response,
weighting filter for transient pop
GAPGPS02077
0
10
20
30
40
50
60
0123456
Pdiss (W)
Po-avg (W)
CLIP START
PINK NOISE
Vs = 14 V
GAPGPS02078
0
10
20
30
40
50
60
70
80
90
0123456789
Pdiss (W)
Po-avg (W)
CLIP START
PINK NOISE
Vs = 14 V
Output attenuation (dB)
-50
-40
-30
-20
-10
0
10
20
30
40
10
100
1000
10000
100000
Hz
GAPGPS00153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com