Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA003 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STPA003
Description  4 x 52 W quad bridge power amplifier with high side driver and low voltage operation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA003 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STPA003 Datasheet HTML 16Page - STMicroelectronics STPA003 Datasheet HTML 17Page - STMicroelectronics STPA003 Datasheet HTML 18Page - STMicroelectronics STPA003 Datasheet HTML 19Page - STMicroelectronics STPA003 Datasheet HTML 20Page - STMicroelectronics STPA003 Datasheet HTML 21Page - STMicroelectronics STPA003 Datasheet HTML 22Page - STMicroelectronics STPA003 Datasheet HTML 23Page - STMicroelectronics STPA003 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
General information
STPA003
20/25
DS10473 Rev 2
5.4
Warnings
5.4.1
DC offset detection (OD pin)
The STPA003 integrates a DC offset detector to avoid that an anomalous input DC offset is
multiplied by the amplifier gain producing a dangerous large offset at the output. In fact an
output offset may lead to speakers damage for overheating. To correctly detect a DC offset,
the power amplifier has to be un-muted with no input signal.
When the differential output voltage is out of a window comparator with thresholds ± 3 V
(typ), the OD pin is pulled down.
5.4.2
Clipping detection and diagnostics (CD-DIAG pin)
When clipping occurs, the output signal is distorted. If the signal distortion on one of the
output channels exceeds 1 %, the CD-DIAG pin is pulled down. This information can be
sent to an audio processor in order to reduce the input signal of the amplifier and reduce the
clipping.
A short to ground and short to Vcc is signaled by CD-DIAG. This pin is pulled down to 0 V till
these shorts are present to inform the user a protection occurred.
CD-DIAG acts also as thermal warning. In fact every time Tj exceeds 140 °C, it is pulled
down to notify this occurrence.
Figure 27. Audio section waveforms
t
t
t
MUTE PIN
VOLTAGE
Vs
OUTPUT
WAVEFORM
DIAG pin
WAVEFORM
SHORT TO GND
OR TO Vs
CLIPPING
THERMAL
PROXIMITY
ST-BY PIN
VOLTAGE
t
GAPGPS00712



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com