Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPA003 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STPA003
Description  4 x 52 W quad bridge power amplifier with high side driver and low voltage operation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA003 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STPA003 Datasheet HTML 10Page - STMicroelectronics STPA003 Datasheet HTML 11Page - STMicroelectronics STPA003 Datasheet HTML 12Page - STMicroelectronics STPA003 Datasheet HTML 13Page - STMicroelectronics STPA003 Datasheet HTML 14Page - STMicroelectronics STPA003 Datasheet HTML 15Page - STMicroelectronics STPA003 Datasheet HTML 16Page - STMicroelectronics STPA003 Datasheet HTML 17Page - STMicroelectronics STPA003 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Electrical characteristics typical curves
STPA003
14/25
DS10473 Rev 2
Figure 12. Distortion vs. frequency (2 Ω)
Figure 13. Distortion vs. output
power (4 Ω, Vs = 6 V)
Figure 14. Distortion vs. output
power (2 Ω, Vs = 6 V)
Figure 15. Supply voltage rejection vs.
frequency
Figure 16. Crosstalk vs. frequency
Figure 17. Total power dissipation & efficiency
vs. Po (4 Ω, Sine)
GAPGPS02490
0.01
0.1
1
10
10
100
1000
10000
THD (%)
f (Hz)
Vs = 14.4 V
RL = 2
Po = 8 W
0.001
0.01
0.1
1
10
0.1
Po (W)
1
THD (%)
Vs = 6 V
RL = 4
f = 10 kHz
f = 1 kHz
GAPGPS02491
0.001
0.01
0.1
1
10
0.1
1
THD (%)
Po (W)
Vs = 6 V
RL = 2
f = 10 kHz
f = 1 kHz
GAPGPS02492
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
10
100
1000
10000
100000
SVR (dB)
f (Hz)
Rg = 600
Vripple = 1 Vrms
GAPGPS02493
-100
-90
-80
-70
-60
-50
-40
-30
10
100
1000
10000
f (Hz)
RL = 4
Po = 4 W
Rg = 600
CROSSTALK (dB)
GAPGPS02494
GAPGPS02076
0
10
20
30
40
50
60
70
80
90
10
20
30
40
50
60
70
80
90
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28
Vs = 14.4 V
RL = 4 x 4
Pdiss
η (
η
%)
Pdiss (W)
Po (W)
Vs = 14.4 V
RL = 4 x 4
Ω
f=1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com