Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV Datasheet(PDF) 53 Page - STMicroelectronics

Part # LSM6DSV
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV Datasheet(HTML) 53 Page - STMicroelectronics

Back Button LSM6DSV Datasheet HTML 49Page - STMicroelectronics LSM6DSV Datasheet HTML 50Page - STMicroelectronics LSM6DSV Datasheet HTML 51Page - STMicroelectronics LSM6DSV Datasheet HTML 52Page - STMicroelectronics LSM6DSV Datasheet HTML 53Page - STMicroelectronics LSM6DSV Datasheet HTML 54Page - STMicroelectronics LSM6DSV Datasheet HTML 55Page - STMicroelectronics LSM6DSV Datasheet HTML 56Page - STMicroelectronics LSM6DSV Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 187 page
background image
9
Register description
The device contains a set of registers which are used to control its behavior and to retrieve linear acceleration,
angular rate, and temperature data. The register addresses, made up of 7 bits, are used to identify them and to
write the data through the serial interface.
9.1
FUNC_CFG_ACCESS (01h)
Enable embedded functions register (R/W)
Table 23. FUNC_CFG_ACCESS register
EMB_FUNC_
REG_ACCESS
SHUB_REG
_ACCESS
0(1)
0(1)
FSM_WR_
CTRL_EN
SW_POR
SPI2_RESET
OIS_CTRL
_FROM_UI
1. This bit must be set to 0 for the correct operation of the device.
Table 24. FUNC_CFG_ACCESS register description
EMB_FUNC_REG_ACCESS
Enables access to the embedded functions configuration registers. (1)
Default value: 0
SHUB_REG_ACCESS
Enables access to the sensor hub (I²C master) configuration registers. (2)
Default value: 0
FSM_WR_CTRL_EN
Enables the control of the CTRL registers to FSM (FSM can change some configurations of the
device autonomously). Default value: 0
(0: disabled; 1: enabled)
SW_POR
Global reset of the device. Default value: 0
SPI2_RESET
Resets the control registers of SPI2 from the primary interface. This bit must be set to 1 and
then back to 0 (this bit is not automatically cleared). Default value: 0
OIS_CTRL_FROM_UI
Enables the full control of OIS configurations from the primary interface. Default value: 0
(0: OIS chain full control from primary interface disabled;
1: OIS chain full control from primary interface enabled)
1. Details concerning the embedded functions configuration registers are available in Section 12 Embedded functions register
mapping and Section 13 Embedded functions register description.
2. Details concerning the sensor hub registers are available in Section 16 Sensor hub register mapping and
Section 17 Sensor hub register description.
LSM6DSV
Register description
DS13476 - Rev 2
page 53/187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com