Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV Datasheet(PDF) 65 Page - STMicroelectronics

Part # LSM6DSV
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV Datasheet(HTML) 65 Page - STMicroelectronics

Back Button LSM6DSV Datasheet HTML 61Page - STMicroelectronics LSM6DSV Datasheet HTML 62Page - STMicroelectronics LSM6DSV Datasheet HTML 63Page - STMicroelectronics LSM6DSV Datasheet HTML 64Page - STMicroelectronics LSM6DSV Datasheet HTML 65Page - STMicroelectronics LSM6DSV Datasheet HTML 66Page - STMicroelectronics LSM6DSV Datasheet HTML 67Page - STMicroelectronics LSM6DSV Datasheet HTML 68Page - STMicroelectronics LSM6DSV Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 187 page
background image
9.16
CTRL4 (13h)
Control register 4 (R/W)
Table 54. CTRL4 register
0(1)
0(1)
0(1)
INT2_on
_INT1
DRDY_
MASK
INT2_
DRDY_TEMP
DRDY_
PULSED
INT2_
IN_LH
1. This bit must be set to 0 for the correct operation of the device.
Table 55. CTRL4 register description
INT2_on_INT1
Enables routing the embedded functions interrupt signals to the INT1 pin. Default value: 0
The corresponding bits in the INT2 control registers need to be enabled.
These interrupts are in OR with those enabled on the INT1 pin.
They are not fed to the INT2 pin.
The movable interrupts are:
INT2_DRDY_G_EIS and INT2_EMB_FUNC_ENDOP, enabled through INT2_CTRL (0Eh)
INT2_TIMESTAMP enabled through MD2_CFG (5Fh)
INT2_DRDY_TEMP enabled through CTRL4 (13h)
DRDY_MASK
Enables / masks data-ready signal. Default value: 0
(0: disabled;
1: masks DRDY on pin (both accelerometer and gyroscope) until filter settling ends (accelerometer and
gyroscope independently masked))
INT2_DRDY_TEMP
Enables temperature sensor data-ready interrupt on the INT2 pin. It can be also used to trigger an IBI
when the MIPI I3C® interface is used and INT2_ON_INT1 = 1 in CTRL4_C (13h). Default value: 0
(0: disabled; 1: enabled)
DRDY_PULSED
Enables pulsed data-ready mode. Default value: 0
(0: data-ready latched mode (returns to 0 only after the higher part of the associated output register has
been read);
1: data-ready pulsed mode (the data-ready pulses are 65 μs long))
INT2_IN_LH
Set to 1 in order to change the polarity of the INT2 pin input trigger for DEN or embedded functions.
Default value: 0
(0: trigger for DEN and embedded functions pin is active low;
1: trigger for DEN and embedded functions pin is active high)
LSM6DSV
CTRL4 (13h)
DS13476 - Rev 2
page 65/187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com