Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM6DSV
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV Datasheet(HTML) 1 Page - STMicroelectronics

  LSM6DSV Datasheet HTML 1Page - STMicroelectronics LSM6DSV Datasheet HTML 2Page - STMicroelectronics LSM6DSV Datasheet HTML 3Page - STMicroelectronics LSM6DSV Datasheet HTML 4Page - STMicroelectronics LSM6DSV Datasheet HTML 5Page - STMicroelectronics LSM6DSV Datasheet HTML 6Page - STMicroelectronics LSM6DSV Datasheet HTML 7Page - STMicroelectronics LSM6DSV Datasheet HTML 8Page - STMicroelectronics LSM6DSV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 187 page
background image
Features
Triple core for UI, EIS, and OIS data processing
Power consumption: 0.65 mA in combo high-performance mode
“Always-on" experience with low power consumption for both accelerometer and
gyroscope
Smart FIFO up to 4.5 KB
Android compliant
±2/±4/±8/±16 g full scale
±125/±250/±500/±1000/±2000/±4000 dps full scale
Analog supply voltage: 1.71 V to 3.6 V
Independent IO supply (extended range: 1.08 V to 3.6 V)
Compact footprint: 2.5 mm x 3 mm x 0.83 mm
SPI / I²C & MIPI I3C® v1.1 serial interface with main processor data
synchronization
Auxiliary SPI for OIS data output for gyroscope and accelerometer
OIS configurable from aux SPI, primary interface (SPI / I²C & MIPI I3C® v1.1)
EIS dedicated channel on primary interface with dedicated filtering
Advanced pedometer, step detector and step counter
Significant motion detection, tilt detection
Standard interrupts: free-fall, wake-up, 6D/4D orientation, click and double-click
Programmable finite state machine for accelerometer, gyroscope and external
sensor data processing with high rate @ 960 Hz
Embedded temperature sensor
ECOPACK and RoHS compliant
Applications
Motion tracking and gesture detection, augmented reality (AR) / virtual reality
(VR) / mixed reality (MR) applications
Wearables
Indoor navigation
IoT and connected devices
Smartphones and handheld devices
EIS and OIS for camera applications
Vibration monitoring and compensation
Description
The LSM6DSV is a system-in-package featuring a 3-axis digital accelerometer and
a 3-axis digital gyroscope with a triple core for processing acceleration and angular
rate data on three separate channels with dedicated configuration, processing, and
filtering.
The LSM6DSV boosts performance at 0.65 mA in high-performance mode and
enables always-on low-power features for an optimal motion experience for the
consumer. The device embeds advanced dedicated features such as a finite state
machine as well as data filtering for OIS, EIS, and motion processing.
Product status link
LSM6DSV
Product summary
Order code
LSM6DSV
LSM6DSVTR
Temperature
range [°C]
-40 to +85
Package
LGA-14L
(2.5 x 3.0 x 0.83 mm)
Packing
Tray
Tape and reel
Product resources
TN0018 (Design and soldering)
Product label
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
LSM6DSV
Datasheet
DS13476 - Rev 2 - July 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LSM6DSV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DSV16BX STMICROELECTRONICS-LSM6DSV16BX Datasheet
4Mb / 148P
iNEMO 3-axis accelerometer and 3-axis gyroscope: inertial module for UI and bone conduction with embedded machine learning core and Qvar specification
06-Jul-2022
LSM6DSV16X STMICROELECTRONICS-LSM6DSV16X Datasheet
5Mb / 196P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
15-Jul-2022
LSM6DSV16X STMICROELECTRONICS-LSM6DSV16X Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
LSM6DSV16XTR STMICROELECTRONICS-LSM6DSV16XTR Datasheet
5Mb / 196P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
15-Jul-2022
LSM6DSV320X STMICROELECTRONICS-LSM6DSV320X Datasheet
10Mb / 212P
6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
20-Mar-2025
More results

Similar Description - LSM6DSV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DSL STMICROELECTRONICS-LSM6DSL Datasheet
1Mb / 113P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2016 Rev 5
LSM6DSR STMICROELECTRONICS-LSM6DSR Datasheet
2Mb / 168P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
Rev 2
ISM330IS STMICROELECTRONICS-ISM330IS Datasheet
3Mb / 105P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
01-Jun-2022
LSM6DSO16IS STMICROELECTRONICS-LSM6DSO16IS Datasheet
3Mb / 107P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
01-Jun-2022
LSM6DSO32 STMICROELECTRONICS-LSM6DSO32 Datasheet
1Mb / 153P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
13-Mar-2020
LSM6DSOX STMICROELECTRONICS-LSM6DSOX Datasheet
3Mb / 199P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DSTX STMICROELECTRONICS-LSM6DSTX Datasheet
5Mb / 175P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
21-Jul-2022
LSM6DSV16X STMICROELECTRONICS-LSM6DSV16X Datasheet
5Mb / 196P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
15-Jul-2022
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com