Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV Datasheet(PDF) 2 Page - STMicroelectronics

Part # LSM6DSV
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV Datasheet(HTML) 2 Page - STMicroelectronics

  LSM6DSV Datasheet HTML 1Page - STMicroelectronics LSM6DSV Datasheet HTML 2Page - STMicroelectronics LSM6DSV Datasheet HTML 3Page - STMicroelectronics LSM6DSV Datasheet HTML 4Page - STMicroelectronics LSM6DSV Datasheet HTML 5Page - STMicroelectronics LSM6DSV Datasheet HTML 6Page - STMicroelectronics LSM6DSV Datasheet HTML 7Page - STMicroelectronics LSM6DSV Datasheet HTML 8Page - STMicroelectronics LSM6DSV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 187 page
background image
1
Overview
The LSM6DSV is a system-in-package featuring a high-performance 3-axis digital accelerometer and 3-axis
digital gyroscope.
The LSM6DSV delivers best-in-class motion sensing that can detect orientation and gestures in order to empower
application developers and consumers with features and capabilities that are more sophisticated than simply
orienting their devices to portrait and landscape mode.
The event-detection interrupts enable efficient and reliable motion tracking and contextual awareness,
implementing hardware recognition of free-fall events, 6D orientation, click and double-click sensing, activity
or inactivity, stationary/motion detection and wake-up events. Finite state machine processing allows moving
some algorithms from the application processor to the LSM6DSV sensor, enabling consistent reduction of power
consumption.
The LSM6DSV supports main OS requirements, offering real, virtual, and batch mode sensors. In addition, the
LSM6DSV can efficiently run the sensor-related features specified in Android, saving power and enabling faster
reaction time. In particular, the LSM6DSV has been designed to implement hardware features such as significant
motion detection, stationary/motion detection, tilt, pedometer functions, timestamping and to support the data
acquisition of external sensors.
The LSM6DSV offers hardware flexibility to connect the pins with different mode connections to external sensors
to expand functionalities such as adding a sensor hub, auxiliary SPI, and so forth.
The LSM6DSV offers advanced design flexibility for OIS and EIS applications. Both channels have a dedicated
processing path with independent filtering and enhanced EIS channel gyroscope data are read over the primary
interfaces I²C/ MIPI I3C® v1.1 / SPI.
Core 1 has been designed for user-interface data processing for motion tracking. Data are available on the
primary output of I²C / SPI / I3C® for the accelerometer and gyroscope with independent ODR and FS.
Core 2 has been designed for OIS applications. Data are available on the aux SPI at 7.68 kHz with
accelerometer/gyroscope processing with independent FS at ±2 g - ±16 g (accelerometer) / ±125 dps - ±2000
dps (gyroscope). The accelerometer is also available as standalone with dedicated filtering.
Core 3 has been design for enhanced EIS. Data are available in freerun mode in the output registers or in FIFO
with dedicated tag and timestamp.
Up to 4.5 KB of FIFO with compression and dynamic allocation of significant data (that is, external sensors,
timestamp, and so forth) allows overall power saving of the system.
Like the entire portfolio of MEMS sensor modules, the LSM6DSV leverages the robust and mature in-house
manufacturing processes already used for the production of micromachined accelerometers and gyroscopes. The
various sensing elements are manufactured using specialized micromachining processes, while the IC interfaces
are developed using CMOS technology that allows the design of a dedicated circuit, which is trimmed to better
match the characteristics of the sensing element.
The LSM6DSV embeds advanced dedicated features like a finite state machine and data filtering for OIS, EIS,
and motion processing.
The LSM6DSV is available in a small plastic land grid array (LGA) package of 2.5 x 3.0 x 0.83 mm to address
ultra-compact solutions.
LSM6DSV
Overview
DS13476 - Rev 2
page 2/187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com