Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV Datasheet(PDF) 4 Page - STMicroelectronics

Part # LSM6DSV
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV Datasheet(HTML) 4 Page - STMicroelectronics

  LSM6DSV Datasheet HTML 1Page - STMicroelectronics LSM6DSV Datasheet HTML 2Page - STMicroelectronics LSM6DSV Datasheet HTML 3Page - STMicroelectronics LSM6DSV Datasheet HTML 4Page - STMicroelectronics LSM6DSV Datasheet HTML 5Page - STMicroelectronics LSM6DSV Datasheet HTML 6Page - STMicroelectronics LSM6DSV Datasheet HTML 7Page - STMicroelectronics LSM6DSV Datasheet HTML 8Page - STMicroelectronics LSM6DSV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 187 page
background image
2.2
Pedometer algorithm
The pedometer algorithm is composed of a cascade of four stages:
1.
Computation of the acceleration magnitude signal in order to detect the signal independently from device
orientation;
2.
FIR filter to extract relevant frequency components and to smooth the signal by cutting off high frequencies;
3.
Peak detector to find the maximum and minimum of the waveform and compute the peak-to-peak value;
4.
Step count: if the peak-to-peak value is greater than the settled threshold, a step is counted.
Figure 1. Four-stage pedometer algorithm
The LSM6DSV embeds a dynamic internal threshold for step detection that is updated after each peak-to-peak
evaluation: the internal threshold is increased with a configurable speed if a step is detected or decreased with a
configurable speed if a step is not detected.
This approach ensures high accuracy when the user starts to walk and a false peak rejection when the user is
walking or running.
An internal configurable debounce algorithm can be also set to filter false walks: indeed, an accelerometer pattern
is recognized as a walk or run only if a minimum number of steps are counted.
The LSM6DSV has been designed to reject a false-positive signal inside the algorithm core.
On top of the mechanisms detailed above, the LSM6DSV allows enabling and configuring a dedicated false-
positive rejection block to further boost pedometer accuracy.
2.3
Tilt detection
The tilt function helps to detect activity change and has been implemented in hardware using only the
accelerometer to achieve targets of both ultra-low power consumption and robustness during the short duration of
dynamic accelerations.
The tilt function is based on a trigger of an event each time the device's tilt changes and can be used with
different scenarios, for example:
Triggers when phone is in a front pants pocket and the user goes from sitting to standing or standing to
sitting;
Doesn’t trigger when phone is in a front pants pocket and the user is walking, running or going upstairs.
2.4
Significant motion detection
The significant motion detection (SMD) function generates an interrupt when a ‘significant motion’, that could be
due to a change in user location, is detected. In the LSM6DSV device this function has been implemented in
hardware using only the accelerometer.
SMD functionality can be used in location-based applications in order to receive a notification indicating when the
user is changing location.
LSM6DSV
Pedometer algorithm
DS13476 - Rev 2
page 4/187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com