Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV Datasheet(PDF) 36 Page - STMicroelectronics

Part # LSM6DSV
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LSM6DSV Datasheet HTML 32Page - STMicroelectronics LSM6DSV Datasheet HTML 33Page - STMicroelectronics LSM6DSV Datasheet HTML 34Page - STMicroelectronics LSM6DSV Datasheet HTML 35Page - STMicroelectronics LSM6DSV Datasheet HTML 36Page - STMicroelectronics LSM6DSV Datasheet HTML 37Page - STMicroelectronics LSM6DSV Datasheet HTML 38Page - STMicroelectronics LSM6DSV Datasheet HTML 39Page - STMicroelectronics LSM6DSV Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 187 page
background image
Mode 3 (for OIS functionality)
Figure 22. Gyroscope digital chain - mode 3 (OIS)
ADC
Digital
LP Filter
LPF1_G_OIS_BW_[1:0]
LPF1
SPI / I2C /
MIPI I3C
FIFO
Digital
LP Filter
ODR_G_[3:0]
LPF2
Aux_SPI
ODR Gyro
@7.68 kHz
(1) (2)
®
1.
When the gyroscope OIS or EIS chain is enabled, the LPF1 filter is not available in the gyroscope UI chain.
2.
It is recommended to avoid using the LPF1 filter in mode1/2 when the gyroscope OIS or EIS chain is
intended to be used.
The auxiliary interface needs to be enabled in UI_CTRL1_OIS (70h) / SPI2_CTRL1_OIS (70h).
In mode 3 configuration, there are two paths:
the chain for user interface (UI) where the ODR is selectable from 7.5 Hz up to 7.68 kHz
the chain for OIS where the ODR is at 7.68 kHz and the LPF1 is available. The LPF1 configuration depends
on the setting of the LPF1_G_OIS_BW_[1:0] bits in register UI_CTRL2_OIS (71h) / SPI2_CTRL2_OIS (71h);
for more details about the filter characteristics see UI_CTRL2_OIS (71h). Gyroscope output values are in
registers 22h to 27h if read from the Auxi_SPI or in registers 2Eh to 33h if read from the primary interface
with the selected full scale FS_G_OIS_[1:0] bits in UI_CTRL2_OIS (71h) / SPI2_CTRL2_OIS (71h)).
LSM6DSV
Block diagram of filters
DS13476 - Rev 2
page 36/187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com