Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV Datasheet(PDF) 67 Page - STMicroelectronics

Part # LSM6DSV
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV Datasheet(HTML) 67 Page - STMicroelectronics

Back Button LSM6DSV Datasheet HTML 63Page - STMicroelectronics LSM6DSV Datasheet HTML 64Page - STMicroelectronics LSM6DSV Datasheet HTML 65Page - STMicroelectronics LSM6DSV Datasheet HTML 66Page - STMicroelectronics LSM6DSV Datasheet HTML 67Page - STMicroelectronics LSM6DSV Datasheet HTML 68Page - STMicroelectronics LSM6DSV Datasheet HTML 69Page - STMicroelectronics LSM6DSV Datasheet HTML 70Page - STMicroelectronics LSM6DSV Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 187 page
background image
Table 60. Gyroscope LPF1 bandwidth selection
LPF1_G_
BW_[2:0]
60 Hz
120 Hz
240 Hz
480 Hz
960 Hz
1.92 kHz
3.84 kHz
7.68 kHz
000
N.A.
N.A.
N.A.
174
353
273
280
282
001
N.A.
N.A.
N.A.
157
194
209
211
212
010
N.A.
N.A.
N.A.
131
148
154
156
156
011
N.A.
N.A.
N.A.
186
313
405
428
434
100
N.A.
N.A.
78
94
99
101
102
102
101
N.A.
43
53
57
58
58
58
58
110
18.0
24.2
27.3
28.4
28.7
28.8
N.A.
N.A.
111
12.1
13.7
14.2
14.3
14.4
14.4
N.A.
N.A.
9.19
CTRL7 (16h)
Control register 7 (R/W)
Table 61. CTRL7 register
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
LPF1_G_EN
1. This bit must be set to 0 for the correct operation of the device.
Table 62. CTRL7 register description
LPF1_G_EN
Enables the gyroscope digital LPF1 filter. If the OIS chain is disabled, the bandwidth can be selected through
LPF1_G_BW_[2:0] in CTRL6 (15h)
LSM6DSV
CTRL7 (16h)
DS13476 - Rev 2
page 67/187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com