Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV Datasheet(PDF) 57 Page - STMicroelectronics

Part # LSM6DSV
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV Datasheet(HTML) 57 Page - STMicroelectronics

Back Button LSM6DSV Datasheet HTML 53Page - STMicroelectronics LSM6DSV Datasheet HTML 54Page - STMicroelectronics LSM6DSV Datasheet HTML 55Page - STMicroelectronics LSM6DSV Datasheet HTML 56Page - STMicroelectronics LSM6DSV Datasheet HTML 57Page - STMicroelectronics LSM6DSV Datasheet HTML 58Page - STMicroelectronics LSM6DSV Datasheet HTML 59Page - STMicroelectronics LSM6DSV Datasheet HTML 60Page - STMicroelectronics LSM6DSV Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 187 page
background image
9.6
FIFO_CTRL3 (09h)
FIFO control register 3 (R/W)
Table 33. FIFO_CTRL3 register
BDR_GY_3
BDR_GY_2
BDR_GY_1
BDR_GY_0
BDR_XL_3
BDR_XL_2
BDR_XL_1
BDR_XL_0
Table 34. FIFO_CTRL3 register description
BDR_GY_[3:0]
Selects batch data rate (write frequency in FIFO) for gyroscope data.
(0000: gyroscope not batched in FIFO (default);
0001: 1.875 Hz;
0010: 7.5 Hz;
0011: 15 Hz;
0100: 30 Hz;
0101: 60 Hz;
0110: 120 Hz;
0111: 240 Hz;
1000: 480 Hz;
1001: 960 Hz;
1010: 1.92 kHz;
1011: 3.84 kHz;
1100: 7.68 kHz
1101-1111: reserved)
BDR_XL_[3:0]
Selects batch data rate (write frequency in FIFO) for accelerometer data.
(0000: accelerometer not batched in FIFO (default);
0001: 1.875 Hz;
0010: 7.5 Hz;
0011: 15 Hz;
0100: 30 Hz;
0101: 60 Hz;
0110: 120 Hz;
0111: 240 Hz;
1000: 480 Hz;
1001: 960 Hz;
1010: 1.92 kHz;
1011: 3.84 kHz;
1100: 7.68 kHz
1101-1111: reserved)
LSM6DSV
FIFO_CTRL3 (09h)
DS13476 - Rev 2
page 57/187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com