Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV Datasheet(PDF) 108 Page - STMicroelectronics

Part # LSM6DSV
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV Datasheet(HTML) 108 Page - STMicroelectronics

Back Button LSM6DSV Datasheet HTML 104Page - STMicroelectronics LSM6DSV Datasheet HTML 105Page - STMicroelectronics LSM6DSV Datasheet HTML 106Page - STMicroelectronics LSM6DSV Datasheet HTML 107Page - STMicroelectronics LSM6DSV Datasheet HTML 108Page - STMicroelectronics LSM6DSV Datasheet HTML 109Page - STMicroelectronics LSM6DSV Datasheet HTML 110Page - STMicroelectronics LSM6DSV Datasheet HTML 111Page - STMicroelectronics LSM6DSV Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 187 page
background image
10
SPI2 register mapping
The table given below provides a list of the 8/16-bit registers embedded in the device and the corresponding
addresses.
All these registers are accessible from auxiliary SPI interface only.
Table 212. SPI2 register address map
Name
Type
Register address
Default
Comment
Hex
Binary
SPI2_WHO_AM_I
R
0F
00001111
01110000
SPI2_STATUS_REG_OIS
R
1E
00011110
output
SPI2_OUT_TEMP_L
R
20
00100000
output
SPI2_OUT_TEMP_H
R
21
00100001
output
SPI2_OUTX_L_G_OIS
R
22
00100010
output
SPI2_OUTX_H_G_OIS
R
23
00100011
output
SPI2_OUTY_L_G_OIS
R
24
00100100
output
SPI2_OUTY_H_G_OIS
R
25
00100101
output
SPI2_OUTZ_L_G_OIS
R
26
00100110
output
SPI2_OUTZ_H_G_OIS
R
27
00100111
output
SPI2_OUTX_L_A_OIS
R
28
00101000
output
SPI2_OUTX_H_A_OIS
R
29
00101001
output
SPI2_OUTY_L_A_OIS
R
2A
00101010
output
SPI2_OUTY_H_A_OIS
R
2B
00101011
output
SPI2_OUTZ_L_A_OIS
R
2C
00101100
output
SPI2_OUTZ_H_A_OIS
R
2D
00101101
output
SPI2_HANDSHAKE_CTRL
R/W
6E
01101110
00000000
SPI2_INT_OIS
R/W (SPI2 full-control mode)
R (primary IF full-control mode)
6F
01101111
00000000
SPI2_CTRL1_OIS
R/W (SPI2 full-control mode)
R (primary IF full-control mode)
70
01110000
00000000
SPI2_CTRL2_OIS
R/W (SPI2 full-control mode)
R (primary IF full-control mode)
71
01110001
00000000
SPI2_CTRL3_OIS
R/W (SPI2 full-control mode)
R (primary IF full-control mode)
72
01110010
00000000
Reserved registers must not be changed. Writing to those registers may cause permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the factory calibration
values. Their content is automatically restored when the device is powered up.
LSM6DSV
SPI2 register mapping
DS13476 - Rev 2
page 108/187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com