Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV Datasheet(PDF) 160 Page - STMicroelectronics

Part # LSM6DSV
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV Datasheet(HTML) 160 Page - STMicroelectronics

Back Button LSM6DSV Datasheet HTML 156Page - STMicroelectronics LSM6DSV Datasheet HTML 157Page - STMicroelectronics LSM6DSV Datasheet HTML 158Page - STMicroelectronics LSM6DSV Datasheet HTML 159Page - STMicroelectronics LSM6DSV Datasheet HTML 160Page - STMicroelectronics LSM6DSV Datasheet HTML 161Page - STMicroelectronics LSM6DSV Datasheet HTML 162Page - STMicroelectronics LSM6DSV Datasheet HTML 163Page - STMicroelectronics LSM6DSV Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 187 page
background image
17.23
SLV1_ADD (18h)
I²C slave address of the second external sensor (sensor 1) register (R/W)
Table 435. SLV1_ADD register
Slave1_add6
Slave1_add5
Slave1_add4
Slave1_add3
Slave1_add2
Slave1_add1
Slave1_add0
r_1
Table 436. SLV1_ADD register description
Slave1_add[6:0]
I²C slave address of sensor 1 that can be read by the sensor hub.
Default value: 0000000
r_1
Enables read operation on sensor 1. Default value: 0
(0: read operation disabled; 1: read operation enabled)
17.24
SLV1_SUBADD (19h)
Address of register on the second external sensor (sensor 1) register (R/W)
Table 437. SLV1_SUBADD register
Slave1_reg7
Slave1_reg6
Slave1_reg5
Slave1_reg4
Slave1_reg3
Slave1_reg2
Slave1_reg1
Slave1_reg0
Table 438. SLV1_SUBADD register description
Slave1_reg[7:0] Address of register on sensor 1 that has to be read/written according to the r_1 bit value in SLV1_ADD (18h).
17.25
SLV1_CONFIG (1Ah)
Second external sensor (sensor 2) configuration register (R/W)
Table 439. SLV1_CONFIG register
0(1)
0(1)
0(1)
1(2)
BATCH_EXT_
SENS_1_EN
Slave1_
numop2
Slave1_
numop1
Slave1_
numop0
1. This bit must be set to 0 for the correct operation of the device.
2. This bit must be set to 1 for the correct operation of the device.
Table 440. SLV1_CONFIG register description
BATCH_EXT_SENS_1_EN
Enables FIFO data batching of second slave. Default value: 0
Slave1_numop[2:0]
Number of read operations on sensor 2. Default value: 000
LSM6DSV
SLV1_ADD (18h)
DS13476 - Rev 2
page 160/187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com