Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950813 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS950813
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950813 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS950813 Datasheet HTML 8Page - Integrated Circuit Systems ICS950813 Datasheet HTML 9Page - Integrated Circuit Systems ICS950813 Datasheet HTML 10Page - Integrated Circuit Systems ICS950813 Datasheet HTML 11Page - Integrated Circuit Systems ICS950813 Datasheet HTML 12Page - Integrated Circuit Systems ICS950813 Datasheet HTML 13Page - Integrated Circuit Systems ICS950813 Datasheet HTML 14Page - Integrated Circuit Systems ICS950813 Datasheet HTML 15Page - Integrated Circuit Systems ICS950813 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
ICS950813
Advance Information
0708—10/10/02
Electrical Characteristics - CPUCLKT/C
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Current Source Output
Impedance
Zo
1
VO = Vx
3000
Ω
Output High Voltage
VOH3
IOH = -1 mA
2.4
V
Output Low Voltage
VOL3
IOL = 1 mA
0.4
Voltage High
VHigh
660
850
Voltage Low
VLow
-150
150
Max Voltage
Vovs
1150
Min Voltage
Vuds
-450
Crossing Voltage (abs) Vcross(abs)
250
550
mV
Crossing Voltage (var)
d-Vcross
Variation of crossing over all edges
140
mV
Rise Time
tr
VOL = 0.175V, VOH = 0.525V
175
700
ps
Fall Time
tf
VOH = 0.525V VOL = 0.175V
175
700
ps
Rise Time Variation
d-tr
125
ps
Fall Time Variation
d-tf
125
ps
Duty Cycle
dt3
Measurement from differential wavefrom
45
55
%
Skew
tsk3
VT = 50%
100
ps
Jitter, Cycle to cycle
tjcyc-cyc
1
VT = 50%
150
ps
1Guaranteed by design, not 100% tested in production.
2 I
OWT can be varied and is selectable thru the MULTSEL pin.
mV
Statistical measurement on single ended
signal using oscilloscope math function.
Measurement on single ended signal
using absolute value.
mV
Electrical Characteristics - 3V66
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO1
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
55
Ω
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.55
V
Output High Current
IOH
1
V OH@MIN = 1.0 V, V OH@MAX = 3.135 V
-33
-33
mA
Output Low Current
IOL
1
VOL @MIN = 1.95 V, VOL @MAX = 0.4 V
30
38
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
55
%
Skew
tsk1
1
VT = 1.5 V
250
ps
Jitter
tjcyc-cyc
1
VT = 1.5 V 3V66
250
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com