Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950813 Datasheet(PDF) 16 Page - Integrated Circuit Systems

Part # ICS950813
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950813 Datasheet(HTML) 16 Page - Integrated Circuit Systems

Back Button ICS950813 Datasheet HTML 12Page - Integrated Circuit Systems ICS950813 Datasheet HTML 13Page - Integrated Circuit Systems ICS950813 Datasheet HTML 14Page - Integrated Circuit Systems ICS950813 Datasheet HTML 15Page - Integrated Circuit Systems ICS950813 Datasheet HTML 16Page - Integrated Circuit Systems ICS950813 Datasheet HTML 17Page - Integrated Circuit Systems ICS950813 Datasheet HTML 18Page - Integrated Circuit Systems ICS950813 Datasheet HTML 19Page - Integrated Circuit Systems ICS950813 Datasheet HTML 20Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16
ICS950813
Advance Information
0708—10/10/02
All 3V66 clocks are to be in pphase with each other. In the case where 3V66_1 is configured as 48MHz VCH clock,
there is no defined phase relationship between 3V66_1_VCH and other 3V66 clocks. The PCI group should lag 3V66
by the standard skew described below as Tpci.
Un-Buffered Mode 3V66 & PCI Phase Relationship
Group to Group Skews at Common Transition Edges: Unbuffered Mode
GROUP
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
3V66 to PCI
1,2
S3V66-PCI
3V66 (5:0) leads 33MHz PCI
1.5
2.55
3.5
ns
1Guarenteed by design, not 100% tested in production.
2500ps Tolerance
E_PCICLK to PCICLK Skews
GROUP
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TE_PCI-PCI1
E_PCICLK1 (pin 11)=0
E_PCICLK3 (pin 13)=1
0.3
0.5
0.7
ns
TE_PCI-PCI2
E_PCICLK1 (pin 11)=1
E_PCICLK3 (pin 13)=0
0.8
1.0
1.2
ns
TE_PCI-PCI3
E_PCICLK1 (pin 11)=1
E_PCICLK3 (pin 13)=1
1.3
1.5
1.7
ns
1Guaranteed by design, not 100% tested in production.
E_PCICLK to PCICLK
1
3V66 (1:0)
3V66 (4:2)
3V66_5
E_PCICLK (3,1)
PCICLK_F (2:0) PCICLK (6:0)
Tpci
Tepci



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com