Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950813 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS950813
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950813 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS950813 Datasheet HTML 1Page - Integrated Circuit Systems ICS950813 Datasheet HTML 2Page - Integrated Circuit Systems ICS950813 Datasheet HTML 3Page - Integrated Circuit Systems ICS950813 Datasheet HTML 4Page - Integrated Circuit Systems ICS950813 Datasheet HTML 5Page - Integrated Circuit Systems ICS950813 Datasheet HTML 6Page - Integrated Circuit Systems ICS950813 Datasheet HTML 7Page - Integrated Circuit Systems ICS950813 Datasheet HTML 8Page - Integrated Circuit Systems ICS950813 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Integrated
Circuit
Systems, Inc.
ICS950813
Advance Information
0708—10/10/02
Block Diagram
Recommended Application:
CK-408 clock for Brookdale/Odem/Montara-GM for P4/Banias
processor.
Output Features:
•
3 Differential CPU Clock Pairs @ 3.3V
•
7 PCI (3.3V) @ 33.3MHz including 2 early PCI clocks
•
3 PCI_F (3.3V) @ 33.3MHz
•
1 USB (3.3V) @ 48MHz, 1 DOT (3.3V) @ 48MHz
•
1 REF (3.3V) @ 14.318MHz
•
5 3V66 (3.3V) @ 66.6MHz
•
1 VCH/3V66 (3.3V) @ 48MHz or 66.6MHz
Features:
•
Provides standard frequencies and additional 3%, 5%
and 10% over-clocked frequencies
•
Supports spread spectrum modulation:
No spread, Center Spread (±0.3%, ±0.55%), or Down
Spread (-0.5%, -0.75%)
•
Offers adjustable PCI early clock via latch inputs
•
Selectable 1X or 2X strength for REF via I
2C interface
•
Programmable group to group skew
•
Linear programmable frequency and spreading %
•
Efficient power management scheme through PD#,
CPU_STOP# and PCI_STOP#.
•
Uses external 14.318MHz crystal
•
Stop clocks and functional control available through
I
2C interface.
Key Specifications:
•
CPU Output Jitter <150ps
•
3V66 Output Jitter <250ps
•
CPU Output Skew <100ps
Pin Configuration
Frequency Generator with 200MHz Differential CPU Clocks
ADVANCE INFORMATION documents contain information on products in the formative or design phase development. Characteristic data and other specifications are design goals.
ICS reserves the right to change or discontinue these products without notice. Third party brands and names are the property of their respective owners.
VDDREF
1
56 REF
X1
2
55 FS1
X2
3
54 FS0
GND
4
53 CPU_STOP#*
PCICLK_F0
5
52 CPUCLKT0
PCICLK_F1
651 CPUCLKC0
*ASEL/PCICLK_F2
7
50 VDDCPU
VDDPCI
8
49 CPUCLKT1
GND
9
48 CPUCLKC1
PCICLK0 10
47 GND
**E_PCICLK1/PCICLK1 11
46 VDDCPU
PCICLK2 12
45 CPUCLKT2
**E_PCICLK3/PCICLK3 13
44 CPUCLKC2
VDDPCI 14
43 MULTSEL*
GND 15
42 IREF
PCICLK4 16
41 GND
PCICLK5 17
40 PWRSAVE#*
PCICLK6 18
39 48MHz_USB/FS2**
VDD3V66 19
38 48MHz_DOT
GND 20
37 VDD48
3V66_2 21
36 GND
3V66_3 22
35 3V66_1/VCH_CLK/FS3**
3V66_4 23
34 PCI_STOP#*
3V66_5 24
33 3V66_0/FS4**
*PD# 25
32 VDD3V66
VDDA 26
31 GND
GND 27
30 SCLK
Vtt_PWRGD# 28
29 SDATA
56-Pin 300mil SSOP
56-Pin 240mil TSSOP
*These inputs have 120K internal pull-up resistors to VDD.
**Internal pull-down resistors to ground.
Functionality Table
CPU
AGP
PCI
MHz
MHz
MHz
0
0
100.00
66.67
33.33
0
1
133.33
66.67
33.33
10
200.00
66.67
33.33
11
166.66
66.66
33.33
FS1
FS0
PLL2
PLL1
Spread
Spectrum
3V66 (5:2)
48MHz_USB
48MHz_DOT
X1
X2
XTAL
OSC
3V66
DIVDER
PD#
Vtt_PWRGD#
PWRSAVE#
CPU_STOP#
PCI_STOP#
MULTSEL
SDATA
SCLK
FS (4:0)
I REF
Control
Logic
Config.
Reg.
REF
3V66_0
CPU
DIVDER
3
3
CPUCLKT (2:0)
CPUCLKC (2:0)
Stop
3V66_1/VCH_CLK
PCICLK (6:0)
PCI
DIVDER
3
7
PCICLK_F (2:0)
Stop
Asynchronous AGP/PCI Frequency Selection Table
Byte7 Bit5 Byte7 Bit4
AGP Frequency
PCI Frequency
0
0
66.00
33.00
0
1
75.43
37.72
1
0
88.00
44.00
1
1
--
--


Similar Part No. - ICS950813

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950810 RENESAS-ICS950810 Datasheet
410Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
2019
logo
Integrated Circuit Syst...
ICS950810YFLF-T ICST-ICS950810YFLF-T Datasheet
167Kb / 19P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950810YFLF-T RENESAS-ICS950810YFLF-T Datasheet
410Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
2019
ICS950810YGLF-T RENESAS-ICS950810YGLF-T Datasheet
410Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
2019
More results

Similar Description - ICS950813

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
Frequency Generator with 200MHz Differential CPU Clocks
ICS9250-38 ICST-ICS9250-38 Datasheet
136Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950811 ICST-ICS950811 Datasheet
290Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Integrated Device Techn...
ICS950812 IDT-ICS950812 Datasheet
233Kb / 30P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950805 RENESAS-ICS950805 Datasheet
185Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
02/25/05
ICS950810 RENESAS-ICS950810 Datasheet
410Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
2019
ICS950811 RENESAS-ICS950811 Datasheet
288Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
08/09/07
ICS950818 RENESAS-ICS950818 Datasheet
1Mb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com