Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950813 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS950813
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950813 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS950813 Datasheet HTML 1Page - Integrated Circuit Systems ICS950813 Datasheet HTML 2Page - Integrated Circuit Systems ICS950813 Datasheet HTML 3Page - Integrated Circuit Systems ICS950813 Datasheet HTML 4Page - Integrated Circuit Systems ICS950813 Datasheet HTML 5Page - Integrated Circuit Systems ICS950813 Datasheet HTML 6Page - Integrated Circuit Systems ICS950813 Datasheet HTML 7Page - Integrated Circuit Systems ICS950813 Datasheet HTML 8Page - Integrated Circuit Systems ICS950813 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
ICS950813
Advance Information
0708—10/10/02
Frequency Select Table 1
Bit4 Bit3 Bit2 Bit1 Bit0
CPU
AGP
PCI
Spread
FS4 FS3 FS2 FS1 FS0
MHz
MHz
MHz
%
0
0
0
0
0
100.00
66.67
33.33
0.3% Center
0
0
0
0
1
133.33
66.67
33.33
0.3% Center
0
0
0
1
0
200.00
66.67
33.33
0.3% Center
00
011
166.66
66.66
33.33
0.3% Center
0
0
1
0
0
100.00
66.67
33.33
0 - 0.5% down
0
0
1
0
1
133.33
66.67
33.33
0 - 0.5% down
0
0
1
1
0
200.00
66.67
33.33
0 - 0.5% down
00
111
166.66
66.66
33.33
0 - 0.5% down
0
1
1
0
0
100.00
66.67
33.33
0.55% Center
0
1
1
0
1
133.33
66.67
33.33
0.55% Center
01
110
200.00
66.67
33.33
0.55% Center
01
111
166.66
66.66
33.33
0.55% Center
0
1
0
0
0
100.00
66.67
33.33
0 - 0.75% down
0
1
0
0
1
133.33
66.67
33.33
0 - 0.75% down
0
1
0
1
0
200.00
66.67
33.33
0 - 0.75% down
01
011
166.66
66.66
33.33
0 - 0.75% down
1
0
0
0
0
80.00
53.33
26.67
Spread Off
1
0
0
0
1
106.66
53.33
26.67
Spread Off
1
0
0
1
0
160.00
53.33
26.67
Spread Off
10
011
133.33
53.33
26.67
Spread Off
1
0
1
0
0
103.00
68.67
34.33
0.3% Center
1
0
1
0
1
137.33
68.66
34.33
0.3% Center
1
0
1
1
0
206.00
68.67
34.33
0.3% Center
10
111
171.66
68.66
34.33
0.3% Center
1
1
0
0
0
105.00
70.00
35.00
0.3% Center
1
1
0
0
1
140.00
70.00
35.00
0.3% Center
1
1
0
1
0
Tristate Tristate Tristate
N/A
11
011
174.99
70.00
35.00
0.3% Center
1
1
1
0
0
110.00
73.33
36.67
0.3% Center
1
1
1
0
1
146.66
73.33
36.67
0.3% Center
1
1
1
1
0
Test/2
Test/4
Test/8
N/A
11
111
183.33
73.33
36.67
0.3% Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com