Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950813 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS950813
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950813 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS950813 Datasheet HTML 1Page - Integrated Circuit Systems ICS950813 Datasheet HTML 2Page - Integrated Circuit Systems ICS950813 Datasheet HTML 3Page - Integrated Circuit Systems ICS950813 Datasheet HTML 4Page - Integrated Circuit Systems ICS950813 Datasheet HTML 5Page - Integrated Circuit Systems ICS950813 Datasheet HTML 6Page - Integrated Circuit Systems ICS950813 Datasheet HTML 7Page - Integrated Circuit Systems ICS950813 Datasheet HTML 8Page - Integrated Circuit Systems ICS950813 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
ICS950813
Advance Information
0708—10/10/02
Pin Description
PIN # PIN NAME
PIN TYPE
DESCRIPTION
1
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
2
X1
IN
Crystal input,nominally 14.318MHz.
3
X2
OUT
Crystal output, Nominally 14.318MHz
4
GND
PWR
Ground pin.
5
PCICLK_F0
OUT
Free running PCI clock not affected by PCI_STOP# .
6
PCICLK_F1
OUT
Free running PCI clock not affected by PCI_STOP# .
7
*ASEL/PCICLK_F2
I/O
Asynchronous AGP/PCI frequency latch input pin / 3.3V PCI free running
clock put. Pull-Up = Main PLL / Pull-Down = Async Fix PLL
8
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
9
GND
PWR
Ground pin.
10
PCICLK0
OUT
PCI clock output.
11
**E_PCICLK1/PCICLK1
I/O
Early/Normal PCI clock output latched at power up.
12
PCICLK2
OUT
PCI clock output.
13
**E_PCICLK3/PCICLK3
I/O
Early/Normal PCI clock output latched at power up.
14
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
15
GND
PWR
Ground pin.
16
PCICLK4
OUT
PCI clock output.
17
PCICLK5
OUT
PCI clock output.
18
PCICLK6
OUT
PCI clock output.
19
VDD3V66
PWR
Power pin for the 3V66 clocks.
20
GND
PWR
Ground pin.
21
3V66_2
OUT
3.3V 66.66MHz clock output
22
3V66_3
OUT
3.3V 66.66MHz clock output
23
3V66_4
OUT
3.3V 66.66MHz clock output
24
3V66_5
OUT
3.3V 66.66MHz clock output
25
*PD#
IN
Asynchronous active low input pin used to power down the device into a low
power state. The internal clocks are disabled and the VCO and the crystal
are stopped. The latency of the power down will not be greater than 3ms.
26
VDDA
PWR
3.3V power for the PLL core.
27
GND
PWR
Ground pin.
28
Vtt_PWRGD#
IN
This 3.3V LVTTL input is a level sensitive strobe used to determine when
latch inputs are valid and are ready to be sampled. This is an active low
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com