Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950813 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS950813
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950813 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS950813 Datasheet HTML 3Page - Integrated Circuit Systems ICS950813 Datasheet HTML 4Page - Integrated Circuit Systems ICS950813 Datasheet HTML 5Page - Integrated Circuit Systems ICS950813 Datasheet HTML 6Page - Integrated Circuit Systems ICS950813 Datasheet HTML 7Page - Integrated Circuit Systems ICS950813 Datasheet HTML 8Page - Integrated Circuit Systems ICS950813 Datasheet HTML 9Page - Integrated Circuit Systems ICS950813 Datasheet HTML 10Page - Integrated Circuit Systems ICS950813 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
ICS950813
Advance Information
0708—10/10/02
Pin #
Name
0
1
PWD
Bit 7
38
48MHz_DOT
Output control
RW
Disable
Enable
1
Bit 6
39
48MHz_USB/FS2**
Output control
RW
Disable
Enable
1
Bit 5
7
*ASEL/PCICLK_F2 (see note)
Allow control of output with
assertion of PCI_STOP#.
RW
Freerun
Not
Freerun
0
Bit 4
6
PCICLK_F1 (see note)
Allow control of output with
assertion of PCI_STOP#.
RW
Freerun
Not
Freerun
0
Bit 3
5
PCICLK_F0 (see note)
Allow control of output with
assertion of PCI_STOP#.
RW
Freerun
Not
Freerun
0
Bit 2
7
*ASEL/PCICLK_F2
Output control
RW
Disable
Enable
1
Bit 1
6
PCICLK_F1
Output control
RW
Disable
Enable
1
Bit 0
5
PCICLK_F0
Output control
RW
Disable
Enable
1
Note:
Pin #
Name
0
1
PWD
Bit 7
35
FS3
Frequency Selection
RW
-
-
X
Bit 6
33
FS4
Frequency Selection
RW
-
-
X
Bit 5
33
3V66_0/FS4**
Output control
RW
Disable
Enable
1
Bit 4
35
3V66_1/VCH_CLK/FS3**
Output control
RW
Disable
Enable
1
Bit 3
24
3V66_5
Output control
RW
Disable
Enable
1
Bit 2
23
3V66_4
Output control
RW
Disable
Enable
1
Bit 1
22
3V66_3
Output control
RW
Disable
Enable
1
Bit 0
21
3V66_2
Output control
RW
Disable
Enable
1
Pin #
Name
0
1
PWD
Bit 7
X
PD Mode Iref Mirror Enable
Allow Iref Mirror to be ON during
Power Down Mode
RW
OFF
ON
0
Bit 6
X
Reserved
Reserved
X
-
-
0
Bit 5
X
3V66(5:2) (See table 6)
Allow control of output with
assertion of CPU_STOP#.
XFreerun
Not
Freerun
0
Bit 4
X
3V66(1:0) (See table 7)
Allow control of output with
assertion of CPU_STOP#.
XFreerun
Not
Freerun
0
Bit 3
RW
-
-
0
Bit 2
RW
-
-
0
Bit 1
RW
-
-
0
Bit 0
RW
-
-
0
Note:
Pin #
Name
0
1
PWD
Bit 7
X
Revision ID Bit 3
R
-
-
0
Bit 6
X
Revision ID Bit 2
R
-
-
0
Bit 5
X
Revision ID Bit 1
R
-
-
0
Bit 4
X
Revision ID Bit 0
R
-
-
0
Bit 3
X
Vendor ID Bit 3
(Reserved)
R
-
-
0
Bit 2
X
Vendor ID Bit 2
(Reserved)
R
-
-
0
Bit 1
X
Vendor ID Bit 1
(Reserved)
R
-
-
0
Bit 0
X
Vendor ID Bit 0
(Reserved)
R
-
-
1
Affected Pin
BYTE
6
Functions in Byte 5 of CK408 were intended as a test and debug byte only.
00 = Medium (default), 01 = Low,
11,10 =High
Bit Control
Bit Control
Type
39
48MHz_USB Slew Control
48MHz_DOT Slew Control
38
BYTE
4
Affected Pin
BYTE
5
Control Function
Affected Pin
Bit Control
Type
BYTE
3
PCICLK_F(2:0) can be turned on/off by PCI_STOP#. Refer to table 5.
Control Function
Control Function
Type
Bit Control
00 = Medium (default), 01 = Low,
11,10 =High
Type
Control Function
Affected Pin
Revision ID Value Based on
Device Revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com