Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950813 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS950813
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950813 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS950813 Datasheet HTML 5Page - Integrated Circuit Systems ICS950813 Datasheet HTML 6Page - Integrated Circuit Systems ICS950813 Datasheet HTML 7Page - Integrated Circuit Systems ICS950813 Datasheet HTML 8Page - Integrated Circuit Systems ICS950813 Datasheet HTML 9Page - Integrated Circuit Systems ICS950813 Datasheet HTML 10Page - Integrated Circuit Systems ICS950813 Datasheet HTML 11Page - Integrated Circuit Systems ICS950813 Datasheet HTML 12Page - Integrated Circuit Systems ICS950813 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
ICS950813
Advance Information
0708—10/10/02
Pin #
Name
0
1
PWD
Bit 7
X
-
VCO Divider Bit8
RW
-
-
X
Bit 6
X
-
REF Divider Bit6
RW
-
-
X
Bit 5
X
-
REF Divider Bit5
RW
-
-
X
Bit 4
X
-
REF Divider Bit4
RW
-
-
X
Bit 3
X
-
REF Divider Bit3
RW
-
-
X
Bit 2
X
-
REF Divider Bit2
RW
-
-
X
Bit 1
X
-
REF Divider Bit1
RW
-
-
X
Bit 0
X
-
REF Divider Bit0
RW
-
-
X
Pin #
Name
0
1
PWD
Bit 7
X
-
VCO Divider Bit7
RW
-
-
X
Bit 6
X
-
VCO Divider Bit6
RW
-
-
X
Bit 5
X
-
VCO Divider Bit5
RW
-
-
X
Bit 4
X
-
VCO Divider Bit4
RW
-
-
X
Bit 3
X
-
VCO Divider Bit3
RW
-
-
X
Bit 2
X
-
VCO Divider Bit2
RW
-
-
X
Bit 1
X
-
VCO Divider Bit1
RW
-
-
X
Bit 0
X
-
VCO Divider Bit0
RW
-
-
X
Pin #
Name
0
1
PWD
Bit 7
X
-
Spread Spectrum Bit7
RW
-
-
X
Bit 6
X
-
Spread Spectrum Bit6
RW
-
-
X
Bit 5
X
-
Spread Spectrum Bit5
RW
-
-
X
Bit 4
X
-
Spread Spectrum Bit4
RW
-
-
X
Bit 3
X
-
Spread Spectrum Bit3
RW
-
-
X
Bit 2
X
-
Spread Spectrum Bit2
RW
-
-
X
Bit 1
X
-
Spread Spectrum Bit1
RW
-
-
X
Bit 0
X
-
Spread Spectrum Bit0
RW
-
-
X
Pin #
Name
0
1
PWD
Bit 7
X
-
(Reserved)
RW
-
-
X
Bit 6
X
-
(Reserved)
RW
-
-
X
Bit 5
X
-
Spread Spectrum Bit13
RW
-
-
X
Bit 4
X
-
Spread Spectrum Bit12
RW
-
-
X
Bit 3
X
-
Spread Spectrum Bit11
RW
-
-
X
Bit 2
X
-
Spread Spectrum Bit10
RW
-
-
X
Bit 1
X
-
Spread Spectrum Bit9
RW
-
-
X
Bit 0
X
-
Spread Spectrum Bit8
RW
-
-
X
Bit Control
Affected Pin
Control Function
Type
Control Function
Type
BYTE
12
Note: Please utilize software utility provided by ICS Application Engineering to configure spread spectrum. Incorrect spread
percentage may cause system failure.
Affected Pin
Bit Control
Note: Please utilize software utility provided by ICS Application Engineering to configure spread spectrum. Incorrect spread
percentage may cause system failure.
BYTE
13
Type
Control Function
Type
Bit Control
Note: The decimal representation of these 9 bits (Byte 12 bit[7:0]) and Byte 11 bit [7]) + 8 is equal to the VCO divider value.
BYTE
14
Affected Pin
Control Function
Bit Control
Note: The decimal representation of these 7 bits (Byte 11 bit[6:0]) + 2 is equal to the REF divider value.
BYTE
11
Affected Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com