Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950813 Datasheet(PDF) 18 Page - Integrated Circuit Systems

Part # ICS950813
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950813 Datasheet(HTML) 18 Page - Integrated Circuit Systems

Back Button ICS950813 Datasheet HTML 14Page - Integrated Circuit Systems ICS950813 Datasheet HTML 15Page - Integrated Circuit Systems ICS950813 Datasheet HTML 16Page - Integrated Circuit Systems ICS950813 Datasheet HTML 17Page - Integrated Circuit Systems ICS950813 Datasheet HTML 18Page - Integrated Circuit Systems ICS950813 Datasheet HTML 19Page - Integrated Circuit Systems ICS950813 Datasheet HTML 20Page - Integrated Circuit Systems ICS950813 Datasheet HTML 21Page - Integrated Circuit Systems ICS950813 Datasheet HTML 22Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
18
ICS950813
Advance Information
0708—10/10/02
PD# Functionality
#
D
PT
K
L
C
U
P
CC
K
L
C
U
P
C6
6
V
3
F
_
K
L
C
I
C
P
K
L
C
I
C
P
T
O
D
/
B
S
U
z
H
M
8
4
1l
a
m
r
o
Nl
a
m
r
o
Nz
H
M
6
6
z
H
M
3
3
z
H
M
8
4
0t
l
u
M
*
f
e
r
it
a
o
l
Fw
o
Lw
o
Lw
o
L
CPU_STOP# - De-assertion (transition from logic "0" to logic "1")
De-assertion of CPU_STOP# Waveforms
All CPU outputs that were stopped are to resume normal operation in a glitch free manner. The maximum latency from the
de-assertion to active outputs is to be defined to be between 2 - 6 CPU clock periods (2 clocks are shown). If the I2C
Bit 6 of Byte 1 is programmed to "1" then the stopped CPU outputs will be driven High within 10 nS of CPU_Stop# de-
assertion.
When PWRDWN# is sampled low by two consecutive rising edges of CPU clock, then all clock outputs except CPU clocks
must be held low on their next high to low transitions. When the I2C Bit 6 of Byte 0 is programmed to '0' CPU clocks must
be held with the CPU clock pin driven high with a value of 2 x Iref, and CPU# undriven. If Bit 6 of Byte 0 is '1' then both
CPU and CPU# are undriven. Note the example below shows CPU = 133 MHz and Bit 6 of Byte 0 = '0', this diagram and
description is applicable for all valid CPU frequencies 66, 100, 133, 200 MHz.
Due to the state if the internal logic, stopping and holding the REF clock outputs in the LOW state may require more than
one clock cycle to complete.
PD# - Assertion (transition from logic "1" to logic "0")
Power Down Assertion of Waveforms
CPU_STOP#
CPUCLKT(2:0)
*CPUCLKT(2:0)TS
CPUCLKC(2:0)
Tdrive_CPU_STOP# <10ns @ 200mV
*Signal TS is CPUCLKT in Tri-State mode
0ns
PD#
CPUCLKT 100MHz
CPUCLKC 100MHz
3V66MHz
PCICLK 33MHz
USB 48MHz
REF 14.318MHz
25ns
50ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com