Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC930 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDC930
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER / DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC930 Datasheet(HTML) 4 Page - Texas Instruments

  CDC930 Datasheet HTML 1Page - Texas Instruments CDC930 Datasheet HTML 2Page - Texas Instruments CDC930 Datasheet HTML 3Page - Texas Instruments CDC930 Datasheet HTML 4Page - Texas Instruments CDC930 Datasheet HTML 5Page - Texas Instruments CDC930 Datasheet HTML 6Page - Texas Instruments CDC930 Datasheet HTML 7Page - Texas Instruments CDC930 Datasheet HTML 8Page - Texas Instruments CDC930 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SCAS641
– JULY 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Function Tables
SELECT FUNCTIONS
INPUTS
OUTPUTS
FUNCTION
SEL100/133
SelA
SelB
HOST, HCLK
3VMREF, 3VMREF
PCI
3V66
3V48
REF
FUNCTION
0
0
0
100 MHz
50 MHz
33 MHz
66 MHz
48 MHz
14.318 MHz
Active 100 MHz
0
1
1
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
All outputs 3-stated
1
0
0
133 MHz
66 MHz
33 MHz
66 MHz
48 MHz
14.318 MHz
Active 133 MHz
1
1
1
TCLK/2
TCLK/4
TCLK/8
TCLK/4
TCLK/2
TCLK
Test Mode
ENABLE FUNCTION
INPUT
OUTPUTS
SEL100/133
HCLK
HCLK
3VMREF, 3VMREF
PCI
3V66
3V48
REF
0
2 IREF
Not driven
L
L
L
L
L
1
On
On
On
On
On
On
On
SPREAD SPECTRUM FUNCTION
INPUT
OUTPUTS
SPREAD
0
Spread spectrum clocking active,
–0.6% at HCLK/HCLK, 3VMREF/3VMREF, 3V66, PCI
SPREAD
1
Spread spectrum clocking nonactive
OUTPUT BUFFER SPECIFICATIONS
BUFFER NAME
VDD RANGE
(V)
IMPEDANCE
( )
BUFFER TYPE
3V48, REF
3.135
– 3.465
20
–60
TYPE 3
PCI, 3V66
3.135
– 3.465
12
–65
TYPE 5
3VMREF/3VMREF
3.135
– 3.465
12
–55
TYPE 5
HCLK/HCLK
TYPE X1
OUTPUT BUFFER SPECIFICATIONS
INPUTS
BOARD TARGET
REFERENCE R,
OUTPUT CURRENT
VOH AT Z
MultSel0
MultSel1
BOARD TARGET
TRACE/TERM Z
REFERENCE R,
IREF = VDD/3 Rr)
OUTPUT CURRENT
VOH AT Z
IREF = 2.32 mA
0
0
60
Rr = 475 1%, IREF = 2.32 mA
IOH = 5 IREF
0.71 V at 60
0
0
50
Rr = 475 1%, IREF = 2.32 mA
IOH = 5 IREF
0.59 V at 50
0
1
60
Rr = 475 1%, IREF = 2.32 mA
IOH = 6 IREF
0.85 V at 60
0
1
50
Rr = 475 1%, IREF = 2.32 mA
IOH = 6 IREF
0.71 V at 50
1
0
60
Rr = 475 1%, IREF = 2.32 mA
IOH = 4 IREF
0.56 V at 60
1
0
50
Rr = 475 1%, IREF = 2.32 mA
IOH = 4 IREF
0.47 V at 50
1
1
60
Rr = 475 1%, IREF = 2.32 mA
IOH = 7 IREF
0.99 V at 60
1
1
50
Rr = 475 1%, IREF = 2.32 mA
IOH = 7 IREF
0.82 V at 50
NOTE: The entries in boldface are the primary system configurations of interest. The outputs should be optimized for these configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com