Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC930 Datasheet(PDF) 15 Page - Texas Instruments

Part # CDC930
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER / DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC930 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CDC930 Datasheet HTML 9Page - Texas Instruments CDC930 Datasheet HTML 10Page - Texas Instruments CDC930 Datasheet HTML 11Page - Texas Instruments CDC930 Datasheet HTML 12Page - Texas Instruments CDC930 Datasheet HTML 13Page - Texas Instruments CDC930 Datasheet HTML 14Page - Texas Instruments CDC930 Datasheet HTML 15Page - Texas Instruments CDC930 Datasheet HTML 16Page - Texas Instruments CDC930 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
SCAS641
– JULY 2000
15
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50 ns
150 ns
100 ns
200 ns
0 ns
PWRDWN
HOST 100 MHz
HOST 100 MHz
3VMREF
3VMREF
3V66 MHz
PCI 33MHz
3V48 MHz
REF 14.318 MHz
Figure 4. Power DOWN Timing
RS1 = 33
RS1 = 33
RT1 = 49.9
RIREF = 475
RT1 = 49.9
TLA
TLB
CL = 2 pF
CL = 2 pF
Clock
Clock
HCLK
HCLK
MultSel0
MultiSel1
CDC930
VDD
NOTE A:Z(TLA) = Z(TLB) = 50 , L(TLA) = L(TLB) = 3.5’’, CL represents probe and jig capacitance.
Figure 5. Load Circuit for 0.7 V Amplitude HCLK/HCLK Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com