Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC930 Datasheet(PDF) 12 Page - Texas Instruments

Part # CDC930
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER / DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC930 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDC930 Datasheet HTML 8Page - Texas Instruments CDC930 Datasheet HTML 9Page - Texas Instruments CDC930 Datasheet HTML 10Page - Texas Instruments CDC930 Datasheet HTML 11Page - Texas Instruments CDC930 Datasheet HTML 12Page - Texas Instruments CDC930 Datasheet HTML 13Page - Texas Instruments CDC930 Datasheet HTML 14Page - Texas Instruments CDC930 Datasheet HTML 15Page - Texas Instruments CDC930 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
SCAS641
– JULY 2000
12
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
RL = 500
LOAD CIRCUIT of single-ended outputs for tpd and tsk
From Output
Under Test
CL
(see Note A)
RL = 500
S1
Vref(O)
OPEN
GND
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
Vref(OFF)
GND
TEST
S1
tw
Input
3 V
0 V
Vref(IH)
Vref(T)
Vref(IL)
From Output
Under Test
Test
Point
CL
(see Note A)
LOAD CIRCUIT of single-ended outputs for tr and tf
VOLTAGE WAVEFORMS
0 V
Output
Waveform 2
S1 at GND
(see Note B)
VOLTAGE WAVEFORMS
VOH
VOL
VDD
Vref(T)
Vref(T)
Vref(T)
tPZL
tPLZ
tPHZ
tPZH
Vref(T)
VOH – 0.3 V
VOL + 0.3 V
3 V
0 V
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Enable
(high-level
enabling)
tr
3 V
0 V
Vref(IH)
Vref(T)
Vref(IL)
Vref(T)
Vref(T)
tPLH
tPHL
tf
tw(H)
tw(L)
VOH
VOL
Input
Output
VOLTAGE WAVEFORMS
NOTES: A.CL includes probe and jig capacitance. CL = 2 pF (HCLK, HCLK), CL = 20 pF (48MHZ, REF), CL = 30 pF (PCIx, 3VMREF, 3V66).
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
14.318 MHz, ZO = 50 , tr 2.5 ns,
tf 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
PARAMETER
3.3-V INTERFACE
2.5-V INTERFACE
UNIT
Vref(IH)
High-level reference voltage
2.4
2
V
Vref(IL)
Low-level reference voltage
0.4
0.4
V
Vref(T)
Input threshold reference voltage
1.5
1.25
V
Vref(OFF)
Off-state reference voltage
6
4.6
V
Figure 1. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com