Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC930 Datasheet(PDF) 7 Page - Texas Instruments

Part # CDC930
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER / DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC930 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDC930 Datasheet HTML 3Page - Texas Instruments CDC930 Datasheet HTML 4Page - Texas Instruments CDC930 Datasheet HTML 5Page - Texas Instruments CDC930 Datasheet HTML 6Page - Texas Instruments CDC930 Datasheet HTML 7Page - Texas Instruments CDC930 Datasheet HTML 8Page - Texas Instruments CDC930 Datasheet HTML 9Page - Texas Instruments CDC930 Datasheet HTML 10Page - Texas Instruments CDC930 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SCAS641
– JULY 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
VDD = 3.135 V,
II = –18 mA
–1.2
V
RI
Input resistance
XIN-XOUT
VDD = 3.465 V,
VI = VDD –0.5 V
100
k
XOUT
VDD = 3.135 V,
VI = VDD –0.5 V
50
mA
IIH
High-level input current
MultSel0, MultSel1,
SelA, SelB
VDD = 3.465 V,
VI = VDD
10
A
SEL100/133
SPREAD, PWRDWN
VDD = 3.465 V,
VI = VDD
5
A
XOUT
VDD = 3.135 V,
VO = 0 V
– 5
mA
IIL
Low level input current
MultSel0, MultSel1,
SelA, SelB,
VDD = 3.465 V,
VI = GND
–10
A
IIL
Low-level input current
SEL100/133
SPREAD, PWRDWN
VDD = 3.465 V,
VI = GND
–5
A
I_REF
VDD = 3.465 V,
Rr = 221
–5.5
mA
IOZ
High-impedance-state output current
VDD = 3.465 V
SELA, SELB = H,
SEL100/133 H
L
VO = VDD or GND
PWRDWN = H
10
A
IDD(Z)
High-impedance-state supply current
VDD = 3.465 V
SELA, SELB = H,
SEL100/133 H
L
PWRDWN = H
40
mA
IDD(PD)
PWRDWN state supply current
VDD = 3.465 V,
PWRDWN = L
30
mA
IDD
Dynamic supply current
VDD = 3.465 V
PWRDWN = H,
HCLK = 133 MHz,
SSC = ON/OFF,
CL = MAX
Rref = 475 ,
IOUT = 6 Iref
250
mA
CI
Input capacitance‡
VDD = 3.3 V,
VI = VDD or GND
2
5
pF
C(XTAL)
Crystal terminal capacitance
VDD = 3.3 V,
VI = 0.3 V
18
pF
† All typical values are measured at their respective nominal VDD values.
‡ These parameters are ensured by design and lab characterization, not 100% production tested.
Control SELx, PWRDWN, SPREAD threshold levels during FUNC w/c level tests.
CL = MAX = 5 pF, Rs = 33.2 , Rp = 49.9
at HCLK/HCLK (Type X1)
CL = MAX = 20 pF, RL = 500
at 48 MHz, REF (Type 3)
CL = MAX = 30 pF, RL = 500
at PCIx, 3V66, 3VMREF, 3VMREF (Type 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com