Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC930 Datasheet(PDF) 11 Page - Texas Instruments

Part # CDC930
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER / DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC930 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDC930 Datasheet HTML 7Page - Texas Instruments CDC930 Datasheet HTML 8Page - Texas Instruments CDC930 Datasheet HTML 9Page - Texas Instruments CDC930 Datasheet HTML 10Page - Texas Instruments CDC930 Datasheet HTML 11Page - Texas Instruments CDC930 Datasheet HTML 12Page - Texas Instruments CDC930 Datasheet HTML 13Page - Texas Instruments CDC930 Datasheet HTML 14Page - Texas Instruments CDC930 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SCAS641
– JULY 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VDD = 3.135 V to 3.465 V, TA = 0 C to 85 C (continued)
3V48 (Type 3), CL = 20 pF, RL = 500
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tc
3V48 clock period†
f(3V48)= 48 MHz
15.03
ns
tjit(cc)
Cycle to cycle jitter
f(3V48) = 48 MHz,
f(HCLK) = 100 or 133 MHz,
VDD = 3.3 V, Measured at 1.5 V
350
ps
tdc
Duty cycle
f(3V48) = 48 MHz
45%
55%
tsk(o)
3V48 output skew
3V48x
3V48x
f(3V48) = 48 MHz,
f(HCLK) = 100 or 133 MHz,
VDD = 3.3 V, Measured at 1.5 V
250
ps
t(off)
3V48 clock to PCI
3V48x
PCIx
f(3V48) = 48 MHz,
Measured points at 1.5 V,
Measured at rising edges
1.5
3.5
ns
tr
Rise time
VO = 0.4 V to 2.4 V
1
4
ns
tf
Fall time
VO = 0.4 V to 2.4 V
1
4
ns
† The average over any 1– s period of time is greater than the minimum specified period.
REF (Type 3), CL = 20 pF, RL = 500
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tc
REF clock period†
f(REF)= 14.318 MHz
69.84
ns
tjit(cc)
Cycle to cycle jitter
f(HCLK) = 100 or 133 MHz
1
ps
tdc
Duty cycle
f(REF) = 14.318 MHz
52%
62%
tr
Rise time
VO = 0.4 V to 2.4 V
1
4
ns
tf
Fall time
VO = 0.4 V to 2.4 V
1
4
ns
† The average over any 1– s period of time is greater than the minimum specified period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com