Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC930 Datasheet(PDF) 2 Page - Texas Instruments

Part # CDC930
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER / DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC930 Datasheet(HTML) 2 Page - Texas Instruments

  CDC930 Datasheet HTML 1Page - Texas Instruments CDC930 Datasheet HTML 2Page - Texas Instruments CDC930 Datasheet HTML 3Page - Texas Instruments CDC930 Datasheet HTML 4Page - Texas Instruments CDC930 Datasheet HTML 5Page - Texas Instruments CDC930 Datasheet HTML 6Page - Texas Instruments CDC930 Datasheet HTML 7Page - Texas Instruments CDC930 Datasheet HTML 8Page - Texas Instruments CDC930 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SCAS641
– JULY 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The HOST bus operates at 100 MHz or 133 MHz. The MREF bus operates at 50 MHz or 66 MHz. Output
frequency selection is accomplished with corresponding setting for SEL100/133 control input. The PCI bus
frequency is fixed to 33 MHz.
Since the CDC930 is based on PLL circuitry, it requires a stabilization time to achieve phase-lock of the PLL.
This stabilization time is required following power up as well as changes to SEL inputs. With use of external
reference clock, this signal must be fixed-frequency and fixed-phase prior stabilization time starts.
functional block diagram
Control
Logic
3-State/Low
Test
SEL 100/133
Latched
2
Xtal
Oscillator
/3
/2
CPU
PLL
Spread
Logic
/2
48 MHz
PLL
/2
180
Phase
Shift
Latched
2
2*REF
14.318 MHz
(2,3)
2*3V48
48 MHz
(25,26)
10*PCI
33 MHz
(8,9,11,12,14,
15,17,18,20,21)
4*3V66
66 MHz
(30,31,34,35)
1*3VMREF
50/66 MHz
(55)
1*3VMREF
50/66 MHz
(54)
4*HCLK
100/133 MHz
(42,45,48,51)
4*HCLK
100/133 MHz
(41,44,47,50)
23
SEL100/133
25
SELA
26
SELB
5
XIN
6
XOUT
52
SPREAD
28
PWRDWN
2
MultSel0
3
MultSel1
39
I_REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com