Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC930 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDC930
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER / DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC930 Datasheet(HTML) 3 Page - Texas Instruments

  CDC930 Datasheet HTML 1Page - Texas Instruments CDC930 Datasheet HTML 2Page - Texas Instruments CDC930 Datasheet HTML 3Page - Texas Instruments CDC930 Datasheet HTML 4Page - Texas Instruments CDC930 Datasheet HTML 5Page - Texas Instruments CDC930 Datasheet HTML 6Page - Texas Instruments CDC930 Datasheet HTML 7Page - Texas Instruments CDC930 Datasheet HTML 8Page - Texas Instruments CDC930 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SCAS641
– JULY 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
3V48(0)/SelA
25
I/O
Dual function 3.3 V, Type 3, 48-MHz clock output that latches the state of SelA during power up
3V48(1)/SelB
26
I/O
Dual function 3.3 V, Type 3, 48-MHz clock output that latches the state of SelB during power up
3V66[0
–3]
30, 31, 34, 35
O
3.3 V, Type 5, 66-MHz clock outputs
3VMREF
55
O
3.3 V, Type 5, 50/66-MHz memory clock output
3VMREF
54
O
3.3 V, Type 5, 50/66-MHz memory clock output (180 out of phase with 3VMREF)
GND
1, 7, 13, 19,
24, 32, 33, 37,
40, 46, 53
Ground for core and HCLK/HCLK, 3VMREF/3VMREF, 3V48, 3V66 and PCI outputs
HCLK[1
–4]
42, 45, 48, 51
O
Type X1, host clock outputs
HCLK[1
–4]
41, 44, 47, 50
O
Type X1, host complementary clock outputs
I_REF
39
Special
Current reference pin for the host clock pairs. I_REF uses a fixed precision resistor tied to ground
to establish the appropriate current.
PCI[0
–9]
8, 9, 11, 12,
14, 15, 17, 18,
20, 21
O
3.3 V, Type 5, 33-MHz PCI clock outputs
PWRDWN
28
I
Power down for complete device with HOST at 2 IREF, HCLK not driven and all other outputs
forced low.
REF0/MultSel0
2
I/O
Dual function 3.3 V, Type 3, 14.318-MHz reference clock output. The state of MultSel0 is latched
during power up. MultSel0 configures the IOH amplitude (and thus the VOH swing amplitude) of
the HCLK pair outputs.
REF1/MultSel1
3
I/O
Dual function 3.3 V, Type 3, 14.318-MHz reference clock output. The state of MultSel1 is latched
during power up. MultSel1 configures the IOH amplitude (and thus the VOH swing amplitude) of
the HCLK pair outputs.
SEL100/133
23
I
Active low LVTTL level logic select. SEL100/133 is used for enabling 100/133 MHz. Low=100
MHz, high=133 MHz
SPREAD
52
I
LVTTL level logic select. SPREAD pin enables/disables the spread spectrum for the
HCLK/HCLK, 3VMREF/3VMREF, 3V66 and PCI outputs.
VDD3.3V
4, 10, 16, 22,
27, 29, 36, 38,
43, 49, 56
I
3.3-V power for core and the HCLK/HCLK, 3VMREF/3VMREF, 3V48, 3V66, and PCI outputs.
XIN
5
I
Crystal input
– 14.318 MHz
XOUT
6
O
Crystal output
– 14.318 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com