Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC930 Datasheet(PDF) 9 Page - Texas Instruments

Part # CDC930
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER / DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC930 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDC930 Datasheet HTML 5Page - Texas Instruments CDC930 Datasheet HTML 6Page - Texas Instruments CDC930 Datasheet HTML 7Page - Texas Instruments CDC930 Datasheet HTML 8Page - Texas Instruments CDC930 Datasheet HTML 9Page - Texas Instruments CDC930 Datasheet HTML 10Page - Texas Instruments CDC930 Datasheet HTML 11Page - Texas Instruments CDC930 Datasheet HTML 12Page - Texas Instruments CDC930 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SCAS641
– JULY 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VDD = MIN to MAX, TA = 0 C to 85 C
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
vover
Overshoot‡
HCLK/HCLK 0.7 V ampli-
VOH+200
mV
vunder Undershoot‡
tude
VOL–200
mV
vover
Overshoot‡
Other clocks, CL = Worst
GND
–0.7
V
vunder Undershoot‡
,
L
case
VDD+0.7
V
tPZL
Output enable time to low
level
f(HCL) = 100 or 133 MHz,
SELA, SELB = H,
100
ns
tPZH
Output enable time to high
level
SEL100/133
HCLK/
,,
SEL100/133 L
H,
Rref = 475
100
ns
tPHZ
Output disable time from
high level
SEL100/133
HCLK
f(HCL) = 100 or 133 MHz,
SELA, SELB = H,
10
ns
tPLZ
Output disable time from low
level
,,
SEL100/133 H
L,
Rref = 475
10
ns
tPZL
Output enable time to low
level
f(HCL) = 100 or 133 MHz,
SELA, SELB = H,
10
ns
tPZH
Output enable time to high
level
SEL100/133
REF, 3V48
3VMREF,
,,
SEL100/133 L
H,
Rref = 475
10
ns
tPHZ
Output disable time from
high level
SEL100/133
,
3VMREF,
3V66, PCI
f(HCL) = 100 or 133 MHz,
SELA, SELB = H,
10
ns
tPLZ
Output disable time from low
level
,,
SEL100/133 H
L,
Rref = 475
10
ns
tstab
Stabilization time†
After power up
3
ms
† Stabilization time is the time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. In order for
phase lock to be obtained, a fixed-frequency, fixed-phase reference signal must be present a XIN. Until phase lock is obtained, the specifications
for propagation delay and skew parameters given in the switching characteristics tables are not applicable. Stabilization time is defined as the
time from when VDD achieves its nominal operating level until the output frequency is stable and operating within specification.
‡ These parameters are ensured by design and lab characterization, not 100% production tested.
HCLK/HCLK (Type X1) CL = 2 pF, RL > 500 k
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t
HCLK clock period†
f(HCLK) = 100 MHz
10
10.2
ns
tc
HCLK clock period†
f(HCLK) = 133 MHz
7.5
7.65
ns
tjit(cc)
Cycle to cycle jitter
f(HCLK = 100 or 133 MHz
200
ps
tdc
Duty cycle
f(HCLK) = 100 or 133 MHz crossing
point
45%
55%
tsk(o)
HCLK bus skew
HCLKx
HCLKx
f(HCLK) = 100 or 133 MHz crossing
point
150
ps
t
Pulse duration width
f(HCLK = 100 MHz
4.41
ns
tw
Pulse duration width
f(HCLK = 133 MHz
3.29
ns
tr
Rise time
‡
07V
VO = 0.14 V to 0.56 V
175
700
ps
tf
Fall time
‡
0.7 V
amplitude
VO = 0.14 V to 0.56 V
175
700
ps
tr, tf
Rise and fall time matching‡
am litude
2
(tr – tf)/(tr + tf)
20%
vcross
Cross point voltages‡
0.7 V
amplitude
f(HCLK) = 100 or 133 MHz
HCLK and HCLK
40%
VOH
55%
VOH
V
† The average over any 1– s period of time is greater than the minimum specified period.
‡ These parameters are ensured by design and lab characterization, not 100% production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com