Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7200SAVPBF Datasheet(PDF) 29 Page - Analog Devices

Part # LT7200SAVPBF
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7200SAVPBF Datasheet(HTML) 29 Page - Analog Devices

Back Button LT7200SAVPBF Datasheet HTML 25Page - Analog Devices LT7200SAVPBF Datasheet HTML 26Page - Analog Devices LT7200SAVPBF Datasheet HTML 27Page - Analog Devices LT7200SAVPBF Datasheet HTML 28Page - Analog Devices LT7200SAVPBF Datasheet HTML 29Page - Analog Devices LT7200SAVPBF Datasheet HTML 30Page - Analog Devices LT7200SAVPBF Datasheet HTML 31Page - Analog Devices LT7200SAVPBF Datasheet HTML 32Page - Analog Devices LT7200SAVPBF Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
29 of 35
Figure 40. Single 1.2V/20A Output Buck Regulator
Figure 41. Dual 1.2V, 15A/5A Buck Regulator
VOUT1
1.2V/20A
VIN
2.9V TO 18V
10µF
×4
X5R
0805
14kΩ
10kΩ
0.1µF
×4
1nF
4.99kΩ
10pF
47µF
×8
X7S
1206
0.6µH
0.6µH
0.6µH
0.6µH
LT7200S
SW1
SW2
SW3
SW4
SVIN
PVIN1
PVIN2
PVIN3
PVIN4
RUN1
RUN2
RUN3
RUN4
FB1
FB2
FB3
FB4
TRACK1
TRACK2
TRACK3
TRACK4
ITH4
ITH4
ITH4
ITH4
fSW = 1MHz
4.7µF
MODE/SYNC
INTVCC
RT
100kΩ
PHMODE
GND
L: XEL5030
VOUT1
1.2V/15A
VOUT2
1.2V/5A
VIN
2.9V TO 18V
TRACK1
TRACK2
TRACK3
TRACK4
PGOOD1
PGOOD2
PGOOD3
PGOOD4
MODE/SYNC
10µF
×4
X5R
0805
4.7µF
0.1µF
×3
0.1µF
14kΩ
10kΩ
10pF
1nF
6.04kΩ
4.7pF
470pF
10kΩ
47µF
×6
X7S
1206
47µF
×2
X7S
1206
PHMODE
INTVCC
RT
GND
100kΩ
0.6µH
0.6µH
0.6µH
LT7200S
SW1
SW2
SW3
PVIN1
PVIN2
PVIN3
PVIN4
SVIN
RUN1
RUN2
RUN3
RUN4
0.6µH
FB1
FB2
FB3
ITH1
ITH2
ITH3
ITH4
FB4
SW4
fSW = 1MHz
14kΩ
10kΩ
L: XEL5030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com